Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7516 Datasheet(PDF) 64 Page - Renesas Technology Corp

Part # 7516
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7516 Datasheet(HTML) 64 Page - Renesas Technology Corp

Back Button 7516 Datasheet HTML 60Page - Renesas Technology Corp 7516 Datasheet HTML 61Page - Renesas Technology Corp 7516 Datasheet HTML 62Page - Renesas Technology Corp 7516 Datasheet HTML 63Page - Renesas Technology Corp 7516 Datasheet HTML 64Page - Renesas Technology Corp 7516 Datasheet HTML 65Page - Renesas Technology Corp 7516 Datasheet HTML 66Page - Renesas Technology Corp 7516 Datasheet HTML 67Page - Renesas Technology Corp 7516 Datasheet HTML 68Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 90 page
background image
Rev.1.01
Jul 01, 2003
page 64 of 89
7516 Group
Software Commands (Standard Serial I/O
Mode)
Table 17 lists software commands. In standard serial I/O mode,
erase, program and read are controlled by transferring software
2nd byte
Address
(middle)
3rd byte
Address
(high)
4th byte
Data
output
5th byte
Data
output
6th byte
Data
output
.....
Data
output to
259th byte
Data input
to 259th
byte
FF16
When ID is
not verified
1st byte
transfer
Notes1: Shading indicates transfer from the internal flash memory microcomputer to a programmer. All other data is transferred from an external equipment
(programmer) to the internal flash memory microcomputer.
2: SRD refers to status register data. SRD1 refers to status register 1 data.
3: All commands can be accepted when the flash memory is totally blank.
4: Address high must be “0016”.
commands via the RxD pin. Software commands are explained
here below.
Table 17 Software commands (Standard serial I/O mode)
1
Page read
4116
Address
(middle)
Address
(high)
Data
input
Data
input
Data
input
Not
acceptable
Not
acceptable
A716
D016
7016
SRD
output
SRD1
output
Acceptable
5016
Not
acceptable
F516
Address
(low)
Address
(middle)
Address
(high)
ID size
ID1
To ID7
Acceptable
FA16
Data
input
To
required
number
of times
Not
acceptable
FB16
Version
data
output
Version
data
output
Version
data
output
Version
data
output
Version
data
output
Version
data output
to 9th byte
Control command
2
Page program
3
Erase all blocks
4
Read status register
5
Clear status register
6
ID code check
7
Download function
8
Version data output function
Size
(low)
Size
(high)
Check-
sum
Acceptable
Not
acceptable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com