Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7516 Datasheet(PDF) 65 Page - Renesas Technology Corp

Part # 7516
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7516 Datasheet(HTML) 65 Page - Renesas Technology Corp

Back Button 7516 Datasheet HTML 61Page - Renesas Technology Corp 7516 Datasheet HTML 62Page - Renesas Technology Corp 7516 Datasheet HTML 63Page - Renesas Technology Corp 7516 Datasheet HTML 64Page - Renesas Technology Corp 7516 Datasheet HTML 65Page - Renesas Technology Corp 7516 Datasheet HTML 66Page - Renesas Technology Corp 7516 Datasheet HTML 67Page - Renesas Technology Corp 7516 Datasheet HTML 68Page - Renesas Technology Corp 7516 Datasheet HTML 69Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 90 page
background image
Rev.1.01
Jul 01, 2003
page 65 of 89
7516 Group
qRead Status Register Command
This command reads status information. When the “7016” com-
mand code is transferred with the 1st byte, the contents of the
status register (SRD) with the 2nd byte and the contents of status
register 1 (SRD1) with the 3rd byte are read.
qPage Read Command
This command reads the specified page (256 bytes) in the flash
memory sequentially one byte at a time. Execute the page read
command as explained here following.
(1) Transfer the “FF16” command code with the 1st byte.
(2) Transfer addresses A8 to A15 and A16 to A23 (“0016”) with the
2nd and 3rd bytes respectively.
(3) From the 4th byte onward, data (D0 to D7) for the page (256
bytes) specified with addresses A8 to A23 will be output se-
quentially from the smallest address first synchronized with the
fall of the clock.
Fig. 66 Timing for page read
Fig. 67 Timing for reading status register
data0
data255
A8 to
A15
A16 to
A23
FF16
SCLK
RxD
TxD
SRDY1(BUSY)
SRD
output
SRD1
output
SCLK
RxD
TxD
SRDY1(BUSY)
7016



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com