Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7516 Datasheet(PDF) 77 Page - Renesas Technology Corp

Part # 7516
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7516 Datasheet(HTML) 77 Page - Renesas Technology Corp

Back Button 7516 Datasheet HTML 73Page - Renesas Technology Corp 7516 Datasheet HTML 74Page - Renesas Technology Corp 7516 Datasheet HTML 75Page - Renesas Technology Corp 7516 Datasheet HTML 76Page - Renesas Technology Corp 7516 Datasheet HTML 77Page - Renesas Technology Corp 7516 Datasheet HTML 78Page - Renesas Technology Corp 7516 Datasheet HTML 79Page - Renesas Technology Corp 7516 Datasheet HTML 80Page - Renesas Technology Corp 7516 Datasheet HTML 81Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 90 page
background image
Rev.1.01
Jul 01, 2003
page 77 of 89
7516 Group
DATA REQUIRED FOR MASK ORDERS
The following are necessary when ordering a mask ROM produc-
tion:
1. Mask ROM Order Confirmation Form✽
2. Mark Specification Form✽
3. Data to be written to ROM, in EPROM form (three identical cop-
ies) or one floppy disk.
DATA REQUIRED FOR One Time PROM
PROGRAMMING ORDERS
The following are necessary when ordering a PROM programming
service:
1. ROM Programming Confirmation Form✽
2. Mark Specification Form✽ (only special mark with customer’s
trade mark logo)
3. Data to be programmed to PROM, in EPROM form (three iden-
tical copies) or one floppy disk.
✽For the mask ROM confirmation and the mark specifications, re-
fer to the “Renesas Technology Corp.” Homepage (http://
www.renesas.com/en/rom).
ROM PROGRAMMING METHOD
The built-in PROM of the blank One Time PROM version and buit-
in EPROM version can be read or programmed with a
general-purpose PROM programmer using a special programming
adapter. Set the address of PROM programmer in the user ROM
area.
Table 22 Programming adapter
Package
48P6Q-A
Name of Programming Adapter
PCA7419
The PROM of the blank One Time PROM version is not tested or
screened in the assembly process and following processes. To en-
sure proper operation after programming, the procedure shown in
Figure 77 is recommended to verify programming.
Fig. 77 Programming and testing of One Time PROM version
Programming with PROM
programmer
Screening (Caution)
(150 °C for 40 hours)
Verification with
PROM programmer
Functional check in
target device
The screening temperature is far higher
than the storage temperature. Never
expose to 150 °C exceeding 100 hours.
Caution :



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com