Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7516 Datasheet(PDF) 71 Page - Renesas Technology Corp

Part # 7516
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7516 Datasheet(HTML) 71 Page - Renesas Technology Corp

Back Button 7516 Datasheet HTML 67Page - Renesas Technology Corp 7516 Datasheet HTML 68Page - Renesas Technology Corp 7516 Datasheet HTML 69Page - Renesas Technology Corp 7516 Datasheet HTML 70Page - Renesas Technology Corp 7516 Datasheet HTML 71Page - Renesas Technology Corp 7516 Datasheet HTML 72Page - Renesas Technology Corp 7516 Datasheet HTML 73Page - Renesas Technology Corp 7516 Datasheet HTML 74Page - Renesas Technology Corp 7516 Datasheet HTML 75Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 90 page
background image
Rev.1.01
Jul 01, 2003
page 71 of 89
7516 Group
qStatus Register (SRD)
The status register indicates operating status of the flash memory
and status such as whether an erase operation or a program
ended successfully or in error. It can be read by writing the read
status register command (7016). Also, the status register is
cleared by writing the clear status register command (5016).
Table 18 lists the definition of each status register bit. After releas-
ing the reset, the status register becomes “8016”.
•Sequencer status (SR7)
The sequencer status indicates the operating status of the flash
memory.
After power-on and recover from deep power down mode, the se-
quencer status is set to “1” (ready).
This status bit is set to “0” (busy) during write or erase operation
and is set to “1” upon completion of these operations.
•Erase status (SR5)
The erase status indicates the operating status of erase operation.
If an erase error occurs, it is set to “1”. When the erase status is
cleared, it is set to “0”.
•Program status (SR4)
The program status indicates the operating status of write opera-
tion. If a program error occurs, it is set to “1”. When the program
status is cleared, it is set to “0”.
SRD0 bits
SR7 (bit7)
SR6 (bit6)
SR5 (bit5)
SR4 (bit4)
SR3 (bit3)
SR2 (bit2)
SR1 (bit1)
SR0 (bit0)
Definition
“1”“0”
Table 18 Definition of each bit of status register (SRD)
Status name
Sequencer status
Reserved
Erase status
Program status
Reserved
Reserved
Reserved
Reserved
Ready
-
Terminated in error
Terminated in error
-
-
-
-
Busy
-
Terminated normally
Terminated normally
-
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com