Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7516 Datasheet(PDF) 27 Page - Renesas Technology Corp

Part # 7516
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7516 Datasheet(HTML) 27 Page - Renesas Technology Corp

Back Button 7516 Datasheet HTML 23Page - Renesas Technology Corp 7516 Datasheet HTML 24Page - Renesas Technology Corp 7516 Datasheet HTML 25Page - Renesas Technology Corp 7516 Datasheet HTML 26Page - Renesas Technology Corp 7516 Datasheet HTML 27Page - Renesas Technology Corp 7516 Datasheet HTML 28Page - Renesas Technology Corp 7516 Datasheet HTML 29Page - Renesas Technology Corp 7516 Datasheet HTML 30Page - Renesas Technology Corp 7516 Datasheet HTML 31Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 90 page
background image
Rev.1.01
Jul 01, 2003
page 27 of 89
7516 Group
Fig. 24 Block diagram of Serial I/O2
Fig. 25 Timing chart of Serial I/O2
D7
D0
D1
D2
D3
D4
D5
D6
Transfer clock (Note 1)
Serial I/O2 output SOUT2
Serial I/O2 input SIN2
Receive enable signal SRDY2
Write-in signal to
serial I/O2 register
(Note 2)
Serial I/O2 interrupt request bit set
.
1: When the internal clock is selected as a transfer clock, the f(XIN) clock division (f(XCIN) in low-speed mode) can be selected
by setting bits 0 to 2 of serial I/O2 control register 1.
2: When the internal clock is selected as a transfer clock, the SOUT2 pin has high impedance after transfer completion.
Notes
XIN
“1”
“0”
“0”
“1”
“0”
“1”
SRDY2
“0”
“1”
1/8
1/16
1/32
1/64
1/128
1/256
“1”
“0”
XCIN
“10”
“00”
“01”
Data bus
Serial I/O2
interrupt request
Serial I/O2 port selection bit
Serial I/O counter 2 (3)
Serial I/O2 register (8)
Synchronous circuit
Serial I/O2 port selection bit
Serial I/O2 synchronous
clock selection bit
SRDY2 output enable bit
External clock
Internal synchronous
clock selection bits
Optional transfer bits (3)
P02/SCLK2
P01/SOUT2
P00/SIN2
P02 latch
P01 latch
P03 latch
P03/SRDY2
P43/SCMP2/INT2
Serial I/O2 I/O comparison
signal control bit
P43 latch
Q
D
Main clock division ratio
selection bits (Note)
Note: Either high-speed, middle-speed or low-speed mode is selected by bits 6 and 7 of CPU mode register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com