Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7516 Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # 7516
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7516 Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button 7516 Datasheet HTML 45Page - Renesas Technology Corp 7516 Datasheet HTML 46Page - Renesas Technology Corp 7516 Datasheet HTML 47Page - Renesas Technology Corp 7516 Datasheet HTML 48Page - Renesas Technology Corp 7516 Datasheet HTML 49Page - Renesas Technology Corp 7516 Datasheet HTML 50Page - Renesas Technology Corp 7516 Datasheet HTML 51Page - Renesas Technology Corp 7516 Datasheet HTML 52Page - Renesas Technology Corp 7516 Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 90 page
background image
Rev.1.01
Jul 01, 2003
page 49 of 89
7516 Group
Table 13 Summary of M37516F8 (flash memory version)
FLASH MEMORY MODE
The M37516F8 (flash memory version) has an internal new
DINOR (DIvided bit line NOR) flash memory that can be rewritten
with a single power source when VCC is 5 V, and 2 power sources
when VPP is 5 V and VCC is 3.0-5.5 V in the CPU rewrite and stan-
dard serial I/O modes.
For this flash memory, three flash memory modes are available in
which to read, program, and erase: the parallel I/O and standard
serial I/O modes in which the flash memory can be manipulated
using a programmer and the CPU rewrite mode in which the flash
memory can be manipulated by the Central Processing Unit
(CPU).
Summary
Table 13 lists the summary of the M37516F8 (flash memory ver-
sion).
The flash memory of the M37516F8 is divided into User ROM area
and Boot ROM area as shown in Figure 57.
In addition to the ordinary User ROM area to store the MCU op-
eration control program, the flash memory has a Boot ROM area
that is used to store a program to control rewriting in CPU rewrite
and standard serial I/O modes. This Boot ROM area has had a
standard serial I/O mode control program stored in it when
shipped from the factory. However, the user can write a rewrite
control program in this area that suits the user’s application sys-
tem. This Boot ROM area can be rewritten in only parallel I/O
mode.
Item
Power source voltage
VPP voltage (For Program/Erase)
Flash memory mode
Erase block division
User ROM area
Boot ROM area
Program method
Erase method
Program/Erase control method
Number of commands
Number of program/Erase times
ROM code protection
Specifications
Vcc = 2.7– 5.5 V (Note 1)
Vcc = 2.7–3.6 V (Note 2)
4.5-5.5 V, f(XIN) = 8 MHz
3 modes (Parallel I/O mode, Standard serial I/O mode, CPU rewrite mode)
1 block (32 Kbytes)
1 block (4 Kbytes) (Note 3)
Byte program
Batch erasing
Program/Erase control by software command
6 commands
100 times
Available in parallel I/O mode and standard serial I/O mode
Notes 1: The power source voltage must be Vcc = 4.5–5.5 V at program and erase operation.
2: The power source voltage can be Vcc = 3.0–3.6 V also at program and erase operation.
3: The Boot ROM area has had a standard serial I/O mode control program stored in it when shipped from the factory. This Boot ROM area can be
rewritten in only parallel I/O mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com