Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M66596FP Datasheet(PDF) 43 Page - Renesas Technology Corp

Part # M66596FP
Description  ASSP (USB2.0 Dual Function Controller)
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M66596FP Datasheet(HTML) 43 Page - Renesas Technology Corp

Back Button M66596FP Datasheet HTML 39Page - Renesas Technology Corp M66596FP Datasheet HTML 40Page - Renesas Technology Corp M66596FP Datasheet HTML 41Page - Renesas Technology Corp M66596FP Datasheet HTML 42Page - Renesas Technology Corp M66596FP Datasheet HTML 43Page - Renesas Technology Corp M66596FP Datasheet HTML 44Page - Renesas Technology Corp M66596FP Datasheet HTML 45Page - Renesas Technology Corp M66596FP Datasheet HTML 46Page - Renesas Technology Corp M66596FP Datasheet HTML 47Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 131 page
background image
M66596FP/WG
rev .1.00
2006.3.14
page 43 of 127
DCP control register [DCPCTR]
<Address: 60H>
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
BSTS SUREQ
SQCLR SQSET SQMON
CCPL
PID
0
0
-
0
0
0
-
0
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
0
0
-
0
0
0
-
0
1
1
-
1
?
?
?
?
?
?
?
?
?
?
?
?
0
0
0
0
0
0
0
0
0
0
0
0
Bit
Name
Function
S/W
H/W
Note
15
BSTS
Buffer Status
0: Buffer access is disabled.
1: Buffer access is enabled.
R
W
3.4.1.1
*5)
14
SUREQ
Request to transmit SETUP packet
A SETUP packet is transmitted by setting this
bit to 1.
0: Invalid
1: transmit SETUP packet
R/W(1) R/W(0) 3.6.1
*11)
14-9 Nothing is placed here. These should be fixed at “0”.
8
SQCLR
Toggle Bit Clear
0: Invalid
1: Specifies DATA0
R(0)/
W(1)
R
3.3
*7),*8)
7
SQSET
Toggle Bit Set
0: Invalid
1: Specifies DATA1
R(0)/
W(1)
R
3.3
*7),*8)
6
SQMON
Toggle Bit Confirm
0: DATA0
1: DATA1
R
W
3.3
*9)
5-3 Nothing is placed here. These should be fixed at “0”.
2
CCPL
Control Transfer End enabled
0: Invalid
1: The control transfer is ended.
R(0)/
W(1)
R/W(0) 3.6.2
*6)
1-0 PID
Response PID
00: NAK response
01: BUF response (in keeping with the buffer
state)
10: STALL response
11: STALL response
R/W
R/W
0
3.6
*10)
<<Notes>>
*5) The direction of buffer access, writing or reading, is depend on setting of ISEL bit.
*6) In the peripheral mode the CCPL bit is cleared to “0” right after the SETUP token has been received.
In the host mode this bit should be set “CCPL=0”(not use).
*7) If the SQSET bits and the SQCLR bits of the DCPCTR register and the PIPExCTR registers are being changed
in succession (the PID sequence toggle bits of multiple pipes are being changed in succession), an access cycle of
at least 200 ns is required.
*8) The SQCLR bit and SQSET bit should not both be set to “1” at the same time. Before operating either bit,
“PID=NAK” should be set.
*9) In the Peripheral mode the SQMON bit is initialized to “1” by the controller right after the SETUP token of the
control transfer has been received.
*10) In the peripheral mode the PID bit is cleared to “00” right after the SETUP token has been received. And at the
time of occurring of a transmission error etc., PID bits are set up by the controller and transmission is ended.
*11) When SUREQ bit is set to 1, it is set to 0 by H/W after SETUP transaction sending out.
While the SUREQ bit is 1, do not write in USBREQ, USBVAL, USBINDX, and a USBLENG register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com