Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M66596FP Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # M66596FP
Description  ASSP (USB2.0 Dual Function Controller)
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M66596FP Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button M66596FP Datasheet HTML 21Page - Renesas Technology Corp M66596FP Datasheet HTML 22Page - Renesas Technology Corp M66596FP Datasheet HTML 23Page - Renesas Technology Corp M66596FP Datasheet HTML 24Page - Renesas Technology Corp M66596FP Datasheet HTML 25Page - Renesas Technology Corp M66596FP Datasheet HTML 26Page - Renesas Technology Corp M66596FP Datasheet HTML 27Page - Renesas Technology Corp M66596FP Datasheet HTML 28Page - Renesas Technology Corp M66596FP Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 131 page
background image
M66596FP/WG
rev .1.00
2006.3.14
page 25 of 127
2.5.1
Output pins drive current control
The output pins drive capability should be set using the LDRV bit of the PINCFG register, to match the VIF
power supply.
The output pins are the SD7-0, D15-0, INT_N, DREQx_N, DENDx_N, and SOF_N pins.
2.5.2
FIFO port access Endian
Table 2.7 and Table 2.8 show the byte Endian operation of the controller. (The controller uses Little Endian.) When
the CPU of user-system is Big-endian, software should be set the BIGEND bit to “1” of the PINCFG
register.
Table 2.7 Endian operation when using 16-bit access
BIGEND
b15 – b8
b7 – b0
0
Odd-numbered addresses
Even-numbered addresses
1
Even-numbered addresses
Odd-numbered addresses
Table 2.8 Endian operation when using 8-bit access
BIGEND
b15 – b8
b7 – b0
0
Writing: invalid
Reading: invalid
Writing: valid
Reading: valid
1
Writing: valid
Reading: valid
Writing: invalid
Reading: invalid
2.5.3
DMA signal control
When transferring data using the DMA interface, the DMA operations (assertion and negation of the DREQx_N and
DENDx_N
signals, and the DMA transfer mode) should be specified to match the user system, using the BURST
,
PKTM
, DENDE, and OBUS bits of the DMAxCFG register. The DMA signals are valid for the selected pipe(s) as
long as DMA transfers are enabled using the DREQE bit of the DxFIFOSEL register, which will be explained
later. The DREQx_N pin is asserted when the buffer memory of the pipe is in the Buffer Ready (BRDY) state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com