Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M66596FP Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # M66596FP
Description  ASSP (USB2.0 Dual Function Controller)
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M66596FP Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button M66596FP Datasheet HTML 6Page - Renesas Technology Corp M66596FP Datasheet HTML 7Page - Renesas Technology Corp M66596FP Datasheet HTML 8Page - Renesas Technology Corp M66596FP Datasheet HTML 9Page - Renesas Technology Corp M66596FP Datasheet HTML 10Page - Renesas Technology Corp M66596FP Datasheet HTML 11Page - Renesas Technology Corp M66596FP Datasheet HTML 12Page - Renesas Technology Corp M66596FP Datasheet HTML 13Page - Renesas Technology Corp M66596FP Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 131 page
background image
M66596FP/WG
rev .1.00
2006.3.14
page 10 of 127
1.7 An overview of functions
1.7.1
The function selection
The controller can change a host function and a peripheral function by register setup.
When which of the Host function and the Peripheral function is chosen, hardware recognizes Hi-Speed or
Full-Speed automatically.
1.7.2
Bus interfaces
The controller supports the bus interfaces noted below.
1.7.2.1 External bus interface
The controller uses a CPU bus interface to access control registers.
The bus interface with the CPU supports the two access methods noted below. The Chip Select pin (CS_N) and
the three strobe pins (RD_N, WR0_N and WR1_N) should be used for access.
(1) (16-bit separate bus
The six address buses (A6-1) and the 16 data buses (D15-0) are used.
(2) 16-bit multiplex bus
The ALE pin (ALE) and the 16 data buses (D15-0) are used. The data buses are used for addresses and data on
a time-shared basis.
The separate bus and multiplex bus are selected based on the MPBUS pin signal level when the H/W reset is
canceled.
1.7.2.2 Accessing the buffer memory
The controller supports the two methods described below to access the USB data transfer buffer memory.
(1) CPU access
Addresses and control signals should be used to write data to the buffer memory or read it from the buffer
memory.
(2) DMA access
Data should be written to the buffer memory of the controller, or read from the buffer memory, from the
DMAC in the CPU or a dedicated DMAC.
USB data communication is done using Little Endian. There is a byte Endian swap function for FIFO port
access, and when using 16-bit access, the Endian can be switched using the register settings.
1.7.2.3 DMA access methods
When using DMA access to access the buffer memory, the two access methods noted below can be selected.
(1) Method using a bus shared with the CPU
(2) Method using a dedicated bus (split bus)
1.7.3
USB events
The controller notifies the user’s system of USB operation events by means of interrupts. Moreover, with a pipe
for which the DMA interface has been selected, the system is notified that the buffer memory of the controller
can be accessed by asserting the DREQ signal.
There are 12 types of interrupts and 39 causes for interrupts being generated. The user can select whether or
not interrupt notification is permitted for each type and each cause, using settings in the control program for the
user system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com