Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M66596FP Datasheet(PDF) 54 Page - Renesas Technology Corp

Part # M66596FP
Description  ASSP (USB2.0 Dual Function Controller)
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M66596FP Datasheet(HTML) 54 Page - Renesas Technology Corp

Back Button M66596FP Datasheet HTML 50Page - Renesas Technology Corp M66596FP Datasheet HTML 51Page - Renesas Technology Corp M66596FP Datasheet HTML 52Page - Renesas Technology Corp M66596FP Datasheet HTML 53Page - Renesas Technology Corp M66596FP Datasheet HTML 54Page - Renesas Technology Corp M66596FP Datasheet HTML 55Page - Renesas Technology Corp M66596FP Datasheet HTML 56Page - Renesas Technology Corp M66596FP Datasheet HTML 57Page - Renesas Technology Corp M66596FP Datasheet HTML 58Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 131 page
background image
M66596FP/WG
rev .1.00
2006.3.14
page 54 of 127
3.1.7.4 Recovering from the low-power sleep state
If any of the events noted below occurs from the low-power sleep state, the controller notifies the CPU through the
INT_N
pin. The interrupt factor related to those events should be enabled, before sofware sets the controller to the
low-power sleep state.
VBUS detection
: If a change in the VBUS pin was detected in the low-power sleep state
RESUME detection
: If a change in the state of the USB bus (J-State to K-State or SE0)was detected
when the state shifted from the suspended state to the low-power sleep state in the
Peripheral mode.
BUS CHANGE detection : If a change in the state of the USB bus was detected when the state to the
low-power sleep state state during the suspended state
When the PCSE bit of INTENB1 register is set to "0", the low-power sleep state is also canceled by the operations
noted below, and the controller returns to the normal operating state.
Dummy writing to the 0x7E address of the controller (no actual writing is
done to this address).
When the system has returned from the low-power sleep state to the normal state, some of the controller registers
need to be returned to the values in effect prior to the transition to the low-power sleep state. Of the registers for
which the settings have to be returned, special registers are available that are used for re-setting data in the
read-only registers.
Table 3.6 shows the re-settings for the read-only registers for which the settings have to be returned.
Table 3.6 Re-settings for read-only registers for which settings have to be returned
Register
Bit
Method for re-setting registers
DVSTCTR
RHST
INTSTS0
DVSQ
Setting the USB communication speed and device state using the STSRECOV bit
of the RECOVER register before shifting to the low-power sleep state recovers the
values for the RHST bit and DVSQ bit.
RECOVER
USBADDR
The USB device address prior to the shift to the low-power sleep state is set in the
USBADDR bit of the RECOVER register.
PIPExCTR
SQMON
The sequence toggle bits for the various pipes prior to the low-power sleep state
are set using the SQSET bit or the SQCLR bit of PIPExCTR. *1)
*1) The SQMON bit of the DCPCTR register is initialized when the SETUP stage ends, so it is not necessary to
return to the state in effect prior to the normal operating state.
3.1.7.5 Recovering from the clock stop state
If any of the events noted below occurs from the clock stop state, the controller notifies the CPU through the INT_N
pin. The interrupt factor related to those events should be enabled, before sofware sets the controller to the clock stop
state.
VBUS detection
: If a change in the VBUS pin was detected in the clock stop state.
RESUME detection
: In the suspended state of Peripheral mode if a change in the state of the USB bus
(J-State to K-State/SE0)was detected.
BUS CHAGE detection : If a change in the state of the USB bus was detected. It is used when detecting attach
a peripheral , detach a perripheral, and Remote Wake Up in the Host mode.
3.1.7.6 Auto clock supply function
This controller is equipped with an auto clock supply function. With the auto clock supply function, the controller
automatically implements a series of sequence control operations, from the oscillation stabilization standby timing to
the supply of the internal clock, when the system is returning from the low-power sleep state or from the clock stop
mode to the normal operating state. This function is enbaled by setting “1” for the ATCKM bit of the SYSCFG
register and following events are occur.. For information on specific register control, please refer to Chapter
3.1.8.3 .
-
RESUME detection
In the suspended state of Peripheral mode if a change in the state of the USB bus (J-State to
K-State/SE0)was detected.
-
If Software set “XCKE=1” of SYSCFG register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com