Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M66596FP Datasheet(PDF) 75 Page - Renesas Technology Corp

Part # M66596FP
Description  ASSP (USB2.0 Dual Function Controller)
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M66596FP Datasheet(HTML) 75 Page - Renesas Technology Corp

Back Button M66596FP Datasheet HTML 71Page - Renesas Technology Corp M66596FP Datasheet HTML 72Page - Renesas Technology Corp M66596FP Datasheet HTML 73Page - Renesas Technology Corp M66596FP Datasheet HTML 74Page - Renesas Technology Corp M66596FP Datasheet HTML 75Page - Renesas Technology Corp M66596FP Datasheet HTML 76Page - Renesas Technology Corp M66596FP Datasheet HTML 77Page - Renesas Technology Corp M66596FP Datasheet HTML 78Page - Renesas Technology Corp M66596FP Datasheet HTML 79Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 131 page
background image
M66596FP/WG
rev .1.00
2006.3.14
page 75 of 127
3.3.6 Data PID sequence bit
The controller toggles the data PID sequence bit when data is transferred normally. Next, the sequence bit of
the data PID that was sent can be used to confirm the SQMON bit of the DCPCTR register and the PIPExCTR
register. When data is sent, the sequence bit switches at the timing at which the ACK handshake is received,
and when data is received, the sequence bit switches at the timing at which the ACK handshake is sent. Also,
the SQCLR bit and the SQSET bit of the DCPCTR register and the PIPExCTR register can be used to change the
data PID sequence bit.
In control transfer of Peripheral mode, this controller sets up a sequence bit automatically at the time of stage
changes. It is set to DATA0 at the setup stage end, and it answers by DATA1 on a status stage. A set up
sequence bit by software is not required. In control transfer of Host mode, it is necessary to set up a sequence bit
by software at the stage changes.
Even when which of Host and Peripheral is chosen, after ClearFeature request etc. needs to set up a data PID
sequence bit by software.
With pipes for which isochronous transfer has been set, sequence bit operation cannot be carried out using the
SQSET
bit.
3.3.7 Auto NAK function
The controller has a function that disables pipe operation (“Response PID=NAK”) at the timing at which the
final data packet of a transaction is received (the controller automatically distinguishes this based on reception
of a short packet or the transaction counter) by setting the SHTNAK bit of the PIPECFG register to “1”.
When a double buffer is being used for the buffer memory, using this function enables reception of data
packets in transfer units. Also, if pipe operation has been disabled, the pipe has to be set to the enabled state
again (“Response PID=BUF”) using software.
This function can be used for operation only when using bulk transfers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com