Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M66596FP Datasheet(PDF) 83 Page - Renesas Technology Corp

Part # M66596FP
Description  ASSP (USB2.0 Dual Function Controller)
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M66596FP Datasheet(HTML) 83 Page - Renesas Technology Corp

Back Button M66596FP Datasheet HTML 79Page - Renesas Technology Corp M66596FP Datasheet HTML 80Page - Renesas Technology Corp M66596FP Datasheet HTML 81Page - Renesas Technology Corp M66596FP Datasheet HTML 82Page - Renesas Technology Corp M66596FP Datasheet HTML 83Page - Renesas Technology Corp M66596FP Datasheet HTML 84Page - Renesas Technology Corp M66596FP Datasheet HTML 85Page - Renesas Technology Corp M66596FP Datasheet HTML 86Page - Renesas Technology Corp M66596FP Datasheet HTML 87Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 131 page
background image
M66596FP/WG
rev .1.00
2006.3.14
page 83 of 127
3.4.3.3 Zero-Length packet addition mode (DxFIFO port writing direction)
With this controller, it is possible to add and send one Zero-Length packet after all of the data has been sent,
under the conditions noted below, by setting “1” for the DEZPM bit of the DxFIFOSEL register. This function can
be set only if the buffer memory writing direction has been set (a pipe in the sending direction has been set for
the CURPIPE bit).
If the number of data bytes written to the buffer memory is a multiple of the integer for the maximum packet
size when the DEND signal is received
3.4.3.4 DEND pin
The controller is able to terminate DMA transfers that used the DEND pin. The DEND pin has separate input
and output functions, depending on the USB data transfer direction.
(1) Buffer memory reading direction
The DEND pin becomes an output pin, making it possible to notify the external DMA controller of the final
data transfer. The conditions under which the DEND signal is asserted can be set using the PKTM bit of
DMAxCFG
register.
Table 3.19 shows the DEND pin assertion conditions for the controller.
Table 3.19 DEND pin assertions
Event
PKTM
Transaction
count ended
BRDY
generated upon
reception of
packet
Reception of short
packet other than
Zero-Length packet
Reception of
Zero-Length
packet when buffer
is not empty
Reception of
Zero-Length packet
when buffer is
empty
*1
0
Asserted
Not asserted
Asserted
Asserted
Asserted
1
Asserted
Asserted
Asserted
Asserted
Not asserted
*1) With reception of a Zero-Length packet when the buffer is empty, the DREQ signal is not asserted.
(2) Buffer memory writing direction
The DEND pin becomes the input pin, and data can be sent from the buffer memory (the same situation as
when “BVAL=1” is set).
3.4.3.5 DxFIFO auto clear mode (DxFIFO port reading direction)
If “1” is set for the DCLRM bit of the DxFIFOSEL register, the controller automatically clears the buffer
memory of the pertinent pipe when reading of the data from the buffer memory has been completed.
Table 3.20 shows the packet reception and buffer memory clearing processing for each of the various settings.
Using the DCLRM bit eliminates the need for the buffer to be cleared by software even if a situation occurs
that necessitates clearing of the buffer. This makes it possible to carry out DMA transfers without involving the
control program. This function can be set only in the buffer memory reading direction.
Table 3.20 Packet reception and buffer memory clearing processing
DCLRM = “0”
DCLRM = “1”
Register setting
Buffer status when packet is received
BFRE=0
BFRE=1
BFRE=0
BFRE=1
Buffer full
Doesn’t need to
be cleared
Doesn’t need to
be cleared
Doesn’t need to
be cleared
Doesn’t need to
be cleared
Zero-Length packet reception
Needs to be
cleared
Needs to be
cleared
Doesn’t need to
be cleared
Doesn’t need to
be cleared
Normal short packet reception
Doesn’t need to
be cleared
Needs to be
cleared
Doesn’t need to
be cleared
Doesn’t need to
be cleared
Transaction count ended
Doesn’t need to
be cleared
Needs to be
cleared
Doesn’t need to
be cleared
Doesn’t need to
be cleared



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com