Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M66596FP Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # M66596FP
Description  ASSP (USB2.0 Dual Function Controller)
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M66596FP Datasheet(HTML) 1 Page - Renesas Technology Corp

  M66596FP Datasheet HTML 1Page - Renesas Technology Corp M66596FP Datasheet HTML 2Page - Renesas Technology Corp M66596FP Datasheet HTML 3Page - Renesas Technology Corp M66596FP Datasheet HTML 4Page - Renesas Technology Corp M66596FP Datasheet HTML 5Page - Renesas Technology Corp M66596FP Datasheet HTML 6Page - Renesas Technology Corp M66596FP Datasheet HTML 7Page - Renesas Technology Corp M66596FP Datasheet HTML 8Page - Renesas Technology Corp M66596FP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 131 page
background image
M66596FP/WG
ASSP (USB2.0 Dual Function Controller)
rev .1.00
2006.3.14
page 1 of 127
REJ03F0119-0100Z
Rev 1.00
2006.3.14
1 Overview
1.1 Overview
The M66596 is a USB (Universal Serial Bus) Rev. 2.0 host and peripheral controller that supports USB Hi-Speed
and Full-Speed transfers. This controller has a built-in USB transceiver and supports all of the transfer types defined
by the USB specification. M66596 has a compact package and is pin compatible with the peripheral controller
M66592.
The M66596 has a 5 kB built-in buffer memory for data transfers and enables use of up to eight pipes. For pipes 1
to 7, any endpoint numbers can be assigned, based on the user’s system. The controller can be connected to the CPU
using either a separate bus or a multiplex bus. Moreover, a split bus interface (dedicated external DMA interface) is
provided independent of the CPU bus interface, making this an ideal choice for systems that require transfer of large
volumes of data at high speed.
1.2 Features
1.2.1
Built in USB Hi-Speed host and peripheral controller
•
USB Hi-Speed host and peripheral controllers are built in 1 chip.
•
Both Hi-Speed transfer (480Mbps) and Full-Speed transfer (12Mbps) are supported
•
It is possible to change host or peripheral mode by register setup.
•
Built-in Hi-Speed / Full-Speed USB transceiver
1.2.2
Reduced power consumption
•
1.5 V core power supply, and selectable bus interface power supply 3.3V or 1.8V.
•
Low power consumption makes this ideal for mobile devices
•
Low-power mode (power-saving sleep state) supported to reduce power consumption during suspended
operation
1.2.3
Small package
•
Compact 64-pin package used
•
Pin compatible with Renesas Technology Hi-Speed peripheral controller M66596.
•
Few external elements are used, so less space is required for mounting
-
VBUS signal can be connected directly to the controller pin
-
Built-in D+ pull-up resistor(Peripheral mode)
-
Built-in D+ and D- pull-down resistor(Host mode)
-
Built-in D+ and D- terminating resistors (for Hi-Speed operation)
-
Built-in D+ and D- output resistors (for Full-Speed operation)
1.2.4
Isochronous transfer supported
All types of USB transfers supported
-
Control transfers
-
Bulk transfers
-
Interrupt transfers (High-Bandwidth transfers are not supported)
-
Isochronous transfers (High-Bandwidth transfers are not supported)


Similar Part No. - M66596FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M66596FP RENESAS-M66596FP Datasheet
1Mb / 133P
ASSP (USB2.0 Dual Function Controller)
2006.3.14
More results

Similar Description - M66596FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M66291GP RENESAS-M66291GP Datasheet
892Kb / 126P
ASSP (USB2.0 Device Controller)
M66591GP RENESAS-M66591GP Datasheet
950Kb / 133P
ASSP (USB2.0 Peripheral Controller)
M66592FP RENESAS-M66592FP Datasheet
1Mb / 127P
ASSP (USB2.0 Peripheral Controller)
R8A66593FP RENESAS-R8A66593FP Datasheet
1Mb / 144P
ASSP (USB2.0 Peripheral Controller)
R8A66593FPBG RENESAS-R8A66593FPBG_15 Datasheet
1Mb / 144P
ASSP (USB2.0 Peripheral Controller)
M66591GP RENESAS-M66591GP_15 Datasheet
1,006Kb / 135P
ASSP (USB2.0 Peripheral Controller)
R8A66593 RENESAS-R8A66593 Datasheet
1Mb / 144P
ASSP (USB2.0 Peripheral Controller)
Jun 28,2013
M66291 RENESAS-M66291 Datasheet
937Kb / 128P
ASSP (USB2.0 Device Controller)
2004.11.01
M66592 RENESAS-M66592 Datasheet
1Mb / 129P
ASSP (USB2.0 Peripheral Controller)
2004.10.01
M66596 RENESAS-M66596 Datasheet
1Mb / 133P
ASSP (USB2.0 Dual Function Controller)
2006.3.14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com