Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M66596FP Datasheet(PDF) 99 Page - Renesas Technology Corp

Part # M66596FP
Description  ASSP (USB2.0 Dual Function Controller)
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M66596FP Datasheet(HTML) 99 Page - Renesas Technology Corp

Back Button M66596FP Datasheet HTML 95Page - Renesas Technology Corp M66596FP Datasheet HTML 96Page - Renesas Technology Corp M66596FP Datasheet HTML 97Page - Renesas Technology Corp M66596FP Datasheet HTML 98Page - Renesas Technology Corp M66596FP Datasheet HTML 99Page - Renesas Technology Corp M66596FP Datasheet HTML 100Page - Renesas Technology Corp M66596FP Datasheet HTML 101Page - Renesas Technology Corp M66596FP Datasheet HTML 102Page - Renesas Technology Corp M66596FP Datasheet HTML 103Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 131 page
background image
M66596FP/WG
rev .1.00
2006.3.14
page 99 of 127
4 Electrical characteristics
4.1 Absolute maximum ratings
Symbol
Item
Rated value
Unit
VDD
Core power supply voltage
-0.3~+2.4
V
VIF
IO power supply voltage
-0.3~+4.0
V
AFEA33V
USB transceiver analog 3.3V power supply voltage
-0.3~+4.0
V
AFED33V
USB transceiver digital 3.3V power supply voltage
-0.3~+4.0
V
AFEA15V
USB transceiver analog 1.5V power supply voltage
-0.3~+2.4
V
AFED15V
USB transceiver digital 1.5V power supply voltage
-0.3~+2.4
V
VBUS
VBUS input voltage
-0.3~+5.5
V
VI(IO)
System interface input voltage
-0.3 ~VIF+0.3
V
VO(IO)
System interface output voltage
-0.3~VIF+0.3
V
Pd
Power consumption
400
mW
M66596FP(LQFP)
-55~+150
°C
Tstg
Storage
temperature
M66596WG(FBGA)
-55~+125
°C
4.2 Recommended operating conditions
Rated value
Symbol
Item
Min.
Typ.
Max.
Unit
VDD
Core power supply voltage
1.35
1.5
1.65
V
1.8V supported
1.6
1.8
2.0
V
VIF
IO power supply voltage
3.3V supported
2.7
3.3
3.6
V
AFEA33V
USB transceiver analog 3.3V power supply voltage
3.0
3.3
3.6
V
AFED33V
USB transceiver digital 3.3V power supply voltage
3.0
3.3
3.6
V
AFEA15V
USB transceiver analog 1.5V power supply voltage
1.35
1.5
1.65
V
AFED15V
USB transceiver digital 1.5V power supply voltage
1.35
1.5
1.65
V
AFEA33G
USB transceiver analog supply GND
0
V
AFED33G
USB transceiver digital supply GND
0
V
AFEA15G
USB transceiver analog supply GND
0
V
AFED15G
USB transceiver digital supply GND
0
V
DGND
Supply GND
0
V
VI(IO)
System interface input voltage
0
VIF
V
VI(VBUS)
Input voltage(VBUS input only)
0
5.25
V
VO(IO)
System interface output voltage
0
VIF
V
Topr
Ambient operating temperature
-20
+25
+85
°C
Normal input
500
ns
tr, tf
Input rise, fall times
Schmitt trigger input
5
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com