Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M66596FP Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # M66596FP
Description  ASSP (USB2.0 Dual Function Controller)
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M66596FP Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button M66596FP Datasheet HTML 13Page - Renesas Technology Corp M66596FP Datasheet HTML 14Page - Renesas Technology Corp M66596FP Datasheet HTML 15Page - Renesas Technology Corp M66596FP Datasheet HTML 16Page - Renesas Technology Corp M66596FP Datasheet HTML 17Page - Renesas Technology Corp M66596FP Datasheet HTML 18Page - Renesas Technology Corp M66596FP Datasheet HTML 19Page - Renesas Technology Corp M66596FP Datasheet HTML 20Page - Renesas Technology Corp M66596FP Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 131 page
background image
M66596FP/WG
rev .1.00
2006.3.14
page 17 of 127
Odd-numberedaddresses
Even-numberedaddresses
Addr
Register
name
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
60 DCPCTR
BSTS
SUREQ
SQCLR SQSET SQMON
CCPL
PID
62
64 PIPESEL
PIPESEL
66 PIPECFG
TYPE
BFRE
DBLB
CNTMD SHTNAK
DIR
EPNUM
68 PIPEBUF
BUFSIZE
BUFNMB
6A PIPEMAXP
DEVSEL
MXPS
6C PIPEPERI
IFIS
IITV
6E
70 PIPE1CTR
BSTS INBUFM
ACLRM SQCLR SQSET SQMON
PID
72 PIPE2CTR
BSTS INBUFM
ACLRM SQCLR SQSET SQMON
PID
74 PIPE3CTR
BSTS INBUFM
ACLRM SQCLR SQSET SQMON
PID
76 PIPE4CTR
BSTS INBUFM
ACLRM SQCLR SQSET SQMON
PID
78 PIPE5CTR
BSTS INBUFM
ACLRM SQCLR SQSET SQMON
PID
7A PIPE6CTR
BSTS
ACLRM SQCLR SQSET SQMON
PID
7C PIPE7CTR
BSTS
ACLRM SQCLR SQSET SQMON
PID
7E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com