Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M66596FP Datasheet(PDF) 48 Page - Renesas Technology Corp

Part # M66596FP
Description  ASSP (USB2.0 Dual Function Controller)
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M66596FP Datasheet(HTML) 48 Page - Renesas Technology Corp

Back Button M66596FP Datasheet HTML 44Page - Renesas Technology Corp M66596FP Datasheet HTML 45Page - Renesas Technology Corp M66596FP Datasheet HTML 46Page - Renesas Technology Corp M66596FP Datasheet HTML 47Page - Renesas Technology Corp M66596FP Datasheet HTML 48Page - Renesas Technology Corp M66596FP Datasheet HTML 49Page - Renesas Technology Corp M66596FP Datasheet HTML 50Page - Renesas Technology Corp M66596FP Datasheet HTML 51Page - Renesas Technology Corp M66596FP Datasheet HTML 52Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 131 page
background image
M66596FP/WG
rev .1.00
2006.3.14
page 48 of 127
PIPE1 control register [PIPE1CTR]
<Address: 70H>
PIPE2 control register [PIPE2CTR]
<Address: 72H>
PIPE3 control register [PIPE3CTR]
<Address: 74H>
PIPE4 control register [PIPE4CTR]
<Address: 76H>
PIPE5 control register [PIPE5CTR]
<Address: 78H>
PIPE6 control register [PIPE6CTR]
<Address: 7AH>
PIPE7 control register [PIPE7CTR]
<Address: 7CH>
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
BSTS INBUFM
ACLRM SQCLR SQSET SQMON
PID
0
0
-
0
0
0
-
0
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
0
0
-
0
0
0
-
0
0
0
-
0
0
0
-
0
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
0
0
0
0
0
0
0
0
Bit
Name
Function
S/W
H/W
Note
15
BSTS
Buffer Status
0: Buffer access is disabled.
1: Buffer access is enabled.
R
W
3.4.1.1
*12)
14
INBUFM
Sending buffer status monitor
0: No data which can be transmitted in a buffer
1: The data which can be transmitted is in a buffer
memory.
R
W
3.4.1.1
*13),
*14)
13-10 Nothing is placed here. These should be fixed at “0”.
9
ACLRM
Auto Buffer Clear mode
0: Disabled
1: Enabled (all buffers are initialized)
R(0)/
W(1)
R/W(0) 3.4.1.4
*15)
8
SQCLR
Toggle Bit Clear
0: Invalid
1: Specifies DATA0
R(0)/
W(1)
R
3.3*16),
*17)
7
SQSET
Toggle Bit Set
0: Invalid
1: Specifies DATA1
R(0)/
W(1)
R
3.3
*16),
*17)
6
SQMON
Toggle Bit Confirm
0: DATA0
1: DATA1
R
W
3.3
5-2 Nothing is placed here. These should be fixed at “0”.
1-0 PID
Response PID
00: NAK response
01: BUF response (in keeping with the buffer state)
10: STALL response
11: STALL response
R/W
R/W
3.3
0
*18)
<<Notes>>
*12) The direction of buffer access, writing or reading, is depend on setting of the DIR bit of the PIPECFG register.
*13) The INBUFM bit is valid when softwware sets the DIR bit to Sending-direction.
*14) The INBUFM bit is valid for PIPE1-5.
*15) Software should not set “ACLRM=1” for the PIPE whith selected by the CURPIPE bit of the CFIFOSEL,
DxFIFOSEL
register. After "ACLRM=1", when setting up "ACLRM=0", Software need to wait at lease 100ns.
*16) If the SQCLR bits and the SQSET bits of the DCPCTR register and the PIPExCTR registers are being used to
change the data PID sequence toggle bit for several pipes in succession, an access cycle of at least 200 ns is
required.
*17) The SQCLR bit and SQSET bit should not both be set to “1” at the same time. Before operating either bit,
“PID=NAK” should be set.
*18) The operation is as follows, when setting up PID=BUF.
Host mode and the transmitting direction (OUT).
A transaction is issued when there is transmitting data in a buffer.
A transaction is not issued when there is no transmitting data in a buffer.
Host mode and the receiving direction (IN).
A transaction is issued when there is no receiving data in a buffer.
A transaction is not issued when there is receiving data in a buffer.
Peripheral mode and the transmitting direction (OUT).
A ACK response and receiving a data , when there is no receiving data in a buffer.
A NAK response is carried out to a token, when there is a receiving data in a buffer.
Peripheral mode and the receiving direction (IN).
A Data is transmitted to a IN token.
A NAK response is carried out to a IN token, when there is a transmitting data in a buffer.
And at the time of occurring of a transmission error etc., PID bits are set up by the controller and transmission
is ended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com