Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M66596FP Datasheet(PDF) 80 Page - Renesas Technology Corp

Part # M66596FP
Description  ASSP (USB2.0 Dual Function Controller)
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M66596FP Datasheet(HTML) 80 Page - Renesas Technology Corp

Back Button M66596FP Datasheet HTML 76Page - Renesas Technology Corp M66596FP Datasheet HTML 77Page - Renesas Technology Corp M66596FP Datasheet HTML 78Page - Renesas Technology Corp M66596FP Datasheet HTML 79Page - Renesas Technology Corp M66596FP Datasheet HTML 80Page - Renesas Technology Corp M66596FP Datasheet HTML 81Page - Renesas Technology Corp M66596FP Datasheet HTML 82Page - Renesas Technology Corp M66596FP Datasheet HTML 83Page - Renesas Technology Corp M66596FP Datasheet HTML 84Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 131 page
background image
M66596FP/WG
rev .1.00
2006.3.14
page 80 of 127
3.4.2
FIFO port functions
Table 3.16 shows the settings for the FIFO port functions of the controller. When data writing is being
accessed, writing data until the buffer is full (or the maximum packet size for non-continuous transfers)
automatically enables sending of the data. To enable sending of data before the buffer is full (or before the
maximum packet size for non-continuous transfers), the BVAL bit of the C/DxFIFOCTR register (or the DEND
signal when using DMA transfers) must be set to end the writing. Also, to send a Zero-Length packet, the BCLR
bit of the same register must be used to clear the buffer and then the BVAL bit set in order to end the writing.
When accessing reading, reception of new packets is automatically enabled if all of the data has been read.
However, data cannot be read when a Zero-Length packet is being received (DTLN=0), so the BCLR bit of the
register must be used to releasethe buffer. The length of the data being received can be confirmed using the
DTLN
bit of the C/DxFIFOCTR register.
Table 3.16 FIFO port function settings
Register name
Bit name
Function
Reference
Note
REW
Buffer memory rewind (re-read, re-write)
3.4.4.2
DCLRM
Automatically clears data received for a specified
pipe after the data has been read
3.4.1.2
3.4.3.5
For DxFIFO
only
DMA transfer
assumed
DREQE
Asserts DREQ signal
3.4.3
For DxFIFO
only
MBW
FIFO port access bit width
3.4.2.1
TRENB
Enables transaction counter operation
3.4.2.5
For DxFIFO
only
TRCLR
Clears the current number of transactions
3.4.2.5
For DxFIFO
only
DEZPM
Zero-Length packet addition mode
3.4.3.3
For DMA only
C/DxFIFOSEL
ISEL
FIFO port access direction
3.4.2.1
For DCP only
BVAL
Ends writing to the buffer memory
3.4.2.4
3.4.2
BCLR
Clears the buffer memory on the CPU side
3.4.1.2
C/DxFIFOCTR
DTLN
Confirms the length of received data
3.4.2
DxFIFOTRN
TRNCNT
Sets the received transaction count
3.4.2.5
For DxFIFO
only
TGL
CPU / SIE buffer toggle
3.4.2.3
For CFIFO only
CFIFOSIE
(excluding
DCP)
SCLR
Clears the buffer memory on the SIE side
3.4.2.4
For CFIFO only
External pin
DEND
Ends writing to the buffer memory
3.4.3.4
For DMA
transfer only
3.4.2.1 FIFO port selection
Table 3.17 shows the pipes that can be selected with the various FIFO ports. The pipe to be accessed is
selected using the CURPIPE bit of the C/DxFIFOSEL register. After the pipe has been selected, “FRDY=1” should
be confirmed before accessing the FIFO port.
Also, the bus width to be accessed should be selected using the MBW bit. The buffer memory access direction
conforms to the DIR bit of the PIPExCFG register. However, the ISEL bit determines this only for the DCP.
Table 3.17 FIFO port access categorized by pipe
Pipe
Access method
Port that can be used
DCP
CPU access
CFIFO port register
CPU access
CFIFO port register
DxFIFO port register
PIPE1~PIPE7
DMA access
DxFIFO port register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com