Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M66596FP Datasheet(PDF) 76 Page - Renesas Technology Corp

Part # M66596FP
Description  ASSP (USB2.0 Dual Function Controller)
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M66596FP Datasheet(HTML) 76 Page - Renesas Technology Corp

Back Button M66596FP Datasheet HTML 72Page - Renesas Technology Corp M66596FP Datasheet HTML 73Page - Renesas Technology Corp M66596FP Datasheet HTML 74Page - Renesas Technology Corp M66596FP Datasheet HTML 75Page - Renesas Technology Corp M66596FP Datasheet HTML 76Page - Renesas Technology Corp M66596FP Datasheet HTML 77Page - Renesas Technology Corp M66596FP Datasheet HTML 78Page - Renesas Technology Corp M66596FP Datasheet HTML 79Page - Renesas Technology Corp M66596FP Datasheet HTML 80Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 131 page
background image
M66596FP/WG
rev .1.00
2006.3.14
page 76 of 127
3.4 Buffer memory
This chapter explains operation about the buffer memory which this controller contains. When there is no
description, both a Host and Peripheral are the same operation.
3.4.1
Buffer memory allocation
Figure 3.19 shows an example of a buffer memory map for the controller. The buffer memory is an area shared by
the user system control CPU and the controller. In the buffer memory status, there are times when the access right
to the buffer memory is allocated to the user system (CPU side), and times when it is allocated to the controller (SIE
side).
The buffer memory sets independent areas for each pipe. In the memory areas, 64 bytes comprise one block, and
the memory areas are set using the first block number of the number of blocks (specified using the BUFNMB and
BUFSIZE
bits of the PIPEBUF register). Moreover, three FIFO ports are used for access to the buffer memory
(reading and writing data). A pipe is assigned to the FIFO port by specifying the pipe number using the CURPIPE
bit of the C/DxFIFOSEL register.
The buffer statuses of the various pipes can be confirmed using the BSTS bit of the DCPCTR register and
PIPExCTR
register. Also, the access right of the FIFO port can be confirmed using the FRDY bit of the C/DxFIFOCTR
register.
FIFO Port
D0FIFO Port
BUFNMB=0, BUFSIZE=3
CFIFO Port
D1FIFO Port
CURPIPE=1
CURPIPE=3
Buffer memory
PIPEBUF reg
PIPE0
PIPE6
PIPE7
PIPE5
PIPE1
PIPE2
PIPE3
PIPE4
BUFNMB=4, BUFSIZE=0
BUFNMB=5, BUFSIZE=0
BUFNMB=6, BUFSIZE=3
BUFNMB=10, BUFSIZE=7
BUFNMB=18, BUFSIZE=3
BUFNMB=22, BUFSIZE=7
BUFNMB=28, BUFSIZE=2
CURPIPE=6
Figure 3.19 Example of buffer memory map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com