Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M66596FP Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # M66596FP
Description  ASSP (USB2.0 Dual Function Controller)
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M66596FP Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button M66596FP Datasheet HTML 3Page - Renesas Technology Corp M66596FP Datasheet HTML 4Page - Renesas Technology Corp M66596FP Datasheet HTML 5Page - Renesas Technology Corp M66596FP Datasheet HTML 6Page - Renesas Technology Corp M66596FP Datasheet HTML 7Page - Renesas Technology Corp M66596FP Datasheet HTML 8Page - Renesas Technology Corp M66596FP Datasheet HTML 9Page - Renesas Technology Corp M66596FP Datasheet HTML 10Page - Renesas Technology Corp M66596FP Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 131 page
background image
M66596FP/WG
rev .1.00
2006.3.14
page 7 of 127
*1) The “L” active and “H” active states of these pins can be selected using the control program for the user system.
”_N” indicates that the “L” active state is the default state.
*2) DSTB0_N and DACK1_N are assigned to the same pin, so the functions of one or the other are valid.
*3) The input level of the MPBUS pin needs to be established just before the end of H/W reset. Also, this should not
be switched during operation.
*4) When CS_N and RD_N are “L”, These pins output “H” or “L”.
*5) If MPBUS is “H”, these pins can be made to open.
*6) CS_N, WR0_N, and WR1_N should be kept as (a) or (b) during RST_N=”L” (from RST_N goes "L" to right after
RST_N goes "H").
(a) CS_N=”H”
(b) WR0_N=”H” and WR1_N=”H”
*7) Description of “State of pin”
(a) Input : Pins are Hi-z state. Please do not make it “open” on a board.
(b) Input(Hi-z) : Pins are Hi-z state. Pins can be “open” on a board.
(c) H, L, H/L : Output states is shown.
*8) These pins are in an inactive state.
Table 1.2 The example of not used pins
Category
Pin name
Description
SPLIT bus interface
SD7-0
“Open”
DMA bus interface
DREQ0_N
“Open”
DREQ1_N
“Open”
DACK0_N
Fix to “H”*1)
DACK1_N/DSTB0_N
Fix to “H”*1)
DEND0_N
“Open” *2)
DEND1_N
“Open” *2)
SOF output
SOF_N
“Open”
System control
TEST
Fix to “L” or “Open”
VBUS monitor input
VBUS
Fix to 5V *3)
*1) When DACKn_N pin is not used, please set DACKA bit of DMAnCFG register as "0" (n=0,1).
*2) When DENDx_N pin is not used, please set DENDA bit of DMAnCFG register as "0" (n=0,1).
*3) If this pin is not connected with Vbus of a USB bus, fix to 5V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com