Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M66596FP Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # M66596FP
Description  ASSP (USB2.0 Dual Function Controller)
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M66596FP Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button M66596FP Datasheet HTML 10Page - Renesas Technology Corp M66596FP Datasheet HTML 11Page - Renesas Technology Corp M66596FP Datasheet HTML 12Page - Renesas Technology Corp M66596FP Datasheet HTML 13Page - Renesas Technology Corp M66596FP Datasheet HTML 14Page - Renesas Technology Corp M66596FP Datasheet HTML 15Page - Renesas Technology Corp M66596FP Datasheet HTML 16Page - Renesas Technology Corp M66596FP Datasheet HTML 17Page - Renesas Technology Corp M66596FP Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 131 page
background image
M66596FP/WG
rev .1.00
2006.3.14
page 14 of 127
2.1
Table of registers
Table 2.1 shows the controller registers.
Table 2.1 Registers
Address
Symbol
Name
Index
00
SYSCFG
System configuration control register
2.3
02
SYSSTS
System configuration status register
2.3
04
DVSTCTR
Device state control register
2.4
06
TESTMODE
Test mode register
2.4
08
0A
PINCFG
Data pin configuration register
2.5
0C
DMA0CFG
DMA0 pin configuration register
2.5
0E
DMA1CFG
DMA1 pin configuration register
2.5
10
CFIFO
CFIFO port register
2.6
12
14
D0FIFO
D0FIFO port register
2.6
16
18
D1FIFO
D1FIFO port register
2.6
1A
1C
1E
CFIFOSEL
CFIFO port selection register
2.6
20
CFIFOCTR
CFIFO port control register
2.6
22
CFIFOSIE
CFIFO port SIE register
2.6
24
D0FIFOSEL
D0FIFO port selection register
2.6
26
D0FIFOCTR
D0FIFO port control register
2.6
28
D0FIFOTRN
D0 transaction counter register
2.6
2A
D1FIFOSEL
D1FIFO port selection register
2.6
2C
D1FIFOCTR
D1FIFO port control register
2.6
2E
D1FIFOTRN
D1 transaction counter register
2.6
30
INTENB0
Interrupt enable register 0
2.7
32
INTENB1
Interrupt enable register 1
2.7
34
36
BRDYENB
BRDY interrupt enable register
2.7
38
NRDYENB
NRDY interrupt enable register
2.7
3A
BEMPENB
BEMP interrupt enable register
2.7
3C
SOFCFG
SOF pin configuration register
2.8
3E
40
INTSTS0
Interrupt status register 0
2.9
42
INTSTS1
Interrupt status register 1
2.9
44
46
BRDYSTS
BRDY interrupt status register
2.9
48
NRDYSTS
NRDY interrupt status register
2.9
4A
BEMPSTS
BEMP interrupt status register
2.9
4C
FRMNUM
Frame number register
2.10
4E
UFRMNUM
Micro frame number register
2.10
50
RECOVER
USB address / low-power status recovery register
2.11
52
54
USBREQ
USB request type register
2.12
56
USBVAL
USB request value register
2.12
58
USBINDX
USB request index register
2.12
5A
USBLENG
USB request length register
2.12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com