Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M66596FP Datasheet(PDF) 68 Page - Renesas Technology Corp

Part # M66596FP
Description  ASSP (USB2.0 Dual Function Controller)
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M66596FP Datasheet(HTML) 68 Page - Renesas Technology Corp

Back Button M66596FP Datasheet HTML 64Page - Renesas Technology Corp M66596FP Datasheet HTML 65Page - Renesas Technology Corp M66596FP Datasheet HTML 66Page - Renesas Technology Corp M66596FP Datasheet HTML 67Page - Renesas Technology Corp M66596FP Datasheet HTML 68Page - Renesas Technology Corp M66596FP Datasheet HTML 69Page - Renesas Technology Corp M66596FP Datasheet HTML 70Page - Renesas Technology Corp M66596FP Datasheet HTML 71Page - Renesas Technology Corp M66596FP Datasheet HTML 72Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 131 page
background image
M66596FP/WG
rev .1.00
2006.3.14
page 68 of 127
3.2.6
Device state transition interrupt
Figure 3.16 shows a diagram of the controller device state transitions. In the Peripheral mode, the controller
controls device states and generates device state transition interrupts. However, recovery from the suspended state
(Resume signal detection) is detected by means of the Resume interrupt. The device state transition interrupt can be
set when interrupts are enabled or disabled individually, using the INTENB0 register. Also, the device state that
underwent a transition can be confirmed using the DVSQ bit of the INTSTS0 register.
When making a transition to the default state, the device state transition interrupt is generated after the reset
handshake protocol has been completed.
Powered
State
(DVSQ="000")
Suspended state detection
(When SUSP=”1”, DVST is set to “1”)
Resume (RESM is set to “1”)
USB bus reset detection
(When URST=”1”, DVST is set to “1”)
SetAddress execution
(Address=0)
(When URST=”1”,
DVST is set to “1”)
Default
State
(DVSQ="001")
Address
State
(DVSQ="010")
Configured
State
(DVSQ="011")
Suspended
State
(DVSQ="100")
Suspended
State
(DVSQ="101")
Suspended
State
(DVSQ="110")
Suspended
State
(DVSQ="111")
Suspended state detection
(When SUSP=”1”, DVST is set to “1”)
Resume (RESM is set to “1”)
SetAddress execution
(When SADR=”1”, DVST is set to “1”)
Suspended state detection
(When SUSP=”1”, DVST is set to “1”)
SetConfiguration
execution
(ConfigurationValue=0)
(When SADR=”1”, DVST
is set to “1”)
SetConfiguration execution
(ConfigurationValue?0)
(When SCFG=”1”, DVST is set to “1”)
Note: The URST, SADR, SCFG and SUSP bits in parentheses are the bits that are permitted when the controller
sets the DVST bit to “1” when the pertinent stage transition is generated (interrupt enable register 0
[INTENB0]). Stage transitions are carried out even if setting the DVST bit to “1” is inhibited by these bits.
USB bus reset detection
(When URST=”1”,
DVST is set to “1”)
Resume (RESM is set to “1”)
Suspended state detection
(When SUSP=”1”, DVST is set to “1”)
Resume (RESM is set to “1”)
Figure 3.16 Device state transitions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com