Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M66596FP Datasheet(PDF) 128 Page - Renesas Technology Corp

Part # M66596FP
Description  ASSP (USB2.0 Dual Function Controller)
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M66596FP Datasheet(HTML) 128 Page - Renesas Technology Corp

Back Button M66596FP Datasheet HTML 123Page - Renesas Technology Corp M66596FP Datasheet HTML 124Page - Renesas Technology Corp M66596FP Datasheet HTML 125Page - Renesas Technology Corp M66596FP Datasheet HTML 126Page - Renesas Technology Corp M66596FP Datasheet HTML 127Page - Renesas Technology Corp M66596FP Datasheet HTML 128Page - Renesas Technology Corp M66596FP Datasheet HTML 129Page - Renesas Technology Corp M66596FP Datasheet HTML 130Page - Renesas Technology Corp M66596FP Datasheet HTML 131Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 128 / 131 page
background image
REVISION HISTORY
M66596 Data Sheet
Description
Rev.
Date
Page
Summary
0.79
2004.07.7
-
First edition issued
0.79A
2004.07.21
6
52
52-53
53
53
Change *3), *5), *6) of Table 1.1
Change INDEX of Table 3.1
Change INDEX of Table 3.2
Change note *2) --> *1) of Table 3.2
Delete note *3) of Table 3.2
4
(1.3)
Added:
Figure 1.2
5
(1.4)
Modified:
“Table 1.1 describes the controller pins.”
9
(1.6)
Modified:
“The controller is configured with an analog front end unit (AFE),”
12
(2.1)
Corrected:
Addr 0x6C “Pipe period control register”
13-14
(2.2)
Added:
Addr 0x32 “BRDYM”, “PCSE”
Addr 0x70 – 0x78 “INBUFM”
15-45
(2.3-2.14)
Added and corrected : Refernce to chaptor 2 and 3 in noteof table.
Corrected: Note *1)
15
(2.3)
Added: “or clock stop state”
Corrected: Note *1)
19
(2.4.1)
Modified: “Each bit of the DVSTCTR register”
Added: “According to the USB specification, USB idle state…”
20
(2.5)
Modified: Note *1)
22
(2.5.2)
Modified: “Table 2.7 and Table 2.8 show the byte Endian operation…”
23
25(2.6)
Corrected: Note 5, 6, 7, 8
Corrected: Note *7)
28
(2.7)
Added: PCSE and BRDYM bits
Added: Note *3), *4)
40
(2.13)
Corrected: PID bit
Modified: Note *5)
42-45
(2.14)
Corrected: Note *4), *5), *6), *7)
Corrected: Default value of bit6 of PIPEMAXP
Corrected and added: Note *12), *13), *14), *15)
104
(4)
Moved: Chaptor3 to Chaptor4
105,106
(4.3,4.4)
Corrected:
Average supply current at HS operation; 60mA to 40mA.
0.80
2004.10.5
51
(3)
Added: Chaptor 3 Description of Operation
7
(1.7)
Added: 1.7
1.00
2006.3.14
17
(2.2)
Corrected: Addr 0x68, 0x6A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com