Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4513 Datasheet(PDF) 37 Page - Renesas Technology Corp

Part # 4513
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4513 Datasheet(HTML) 37 Page - Renesas Technology Corp

Back Button 4513 Datasheet HTML 33Page - Renesas Technology Corp 4513 Datasheet HTML 34Page - Renesas Technology Corp 4513 Datasheet HTML 35Page - Renesas Technology Corp 4513 Datasheet HTML 36Page - Renesas Technology Corp 4513 Datasheet HTML 37Page - Renesas Technology Corp 4513 Datasheet HTML 38Page - Renesas Technology Corp 4513 Datasheet HTML 39Page - Renesas Technology Corp 4513 Datasheet HTML 40Page - Renesas Technology Corp 4513 Datasheet HTML 41Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 210 page
background image
1-24
HARDWARE
4513/4514 Group User’s Manual
FUNCTION BLOCK OPERATIONS
(6) Interrupt control registers
• Interrupt control register V1
Interrupt enable bits of external 0, external 1, timer 1 and timer 2
are assigned to register V1. Set the contents of this register
through register A with the TV1A instruction. The TAV1 instruction
can be used to transfer the contents of register V1 to register A.
• Interrupt control register V2
Interrupt enable bits of timer 3, timer 4, A-D and serial I/O are as-
signed to register V2. Set the contents of this register through
register A with the TV2A instruction. The TAV2 instruction can be
used to transfer the contents of register V2 to register A.
Table 6 Interrupt control registers
V13
V12
V11
V10
V23
V22
V21
V20
Serial I/O interrupt enable bit
A-D interrupt enable bit
Timer 4 interrupt enable bit
Timer 3 interrupt enable bit
Interrupt control register V1
Timer 2 interrupt enable bit
Timer 1 interrupt enable bit
External 1 interrupt enable bit
External 0 interrupt enable bit
Note: “R” represents read enabled, and “W” represents write enabled.
Interrupt disabled (SNZT2 instruction is valid)
Interrupt enabled (SNZT2 instruction is invalid)
Interrupt disabled (SNZT1 instruction is valid)
Interrupt enabled (SNZT1 instruction is invalid)
Interrupt disabled (SNZ1 instruction is valid)
Interrupt enabled (SNZ1 instruction is invalid)
Interrupt disabled (SNZ0 instruction is valid)
Interrupt enabled (SNZ0 instruction is invalid)
Interrupt disabled (SNZSI instruction is valid)
Interrupt enabled (SNZSI instruction is invalid)
Interrupt disabled (SNZAD instruction is valid)
Interrupt enabled (SNZAD instruction is invalid)
Interrupt disabled (SNZT4 instruction is valid)
Interrupt enabled (SNZT4 instruction is invalid)
Interrupt disabled (SNZT3 instruction is valid)
Interrupt enabled (SNZT3 instruction is invalid)
0
1
0
1
0
1
0
1
R/W
at RAM back-up : 00002
at reset : 00002
R/W
at RAM back-up : 00002
at reset : 00002
Interrupt control register V2
R/W
at RAM back-up : 00002
at reset : 00002
0
1
0
1
0
1
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com