Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4513 Datasheet(PDF) 89 Page - Renesas Technology Corp

Part # 4513
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4513 Datasheet(HTML) 89 Page - Renesas Technology Corp

Back Button 4513 Datasheet HTML 85Page - Renesas Technology Corp 4513 Datasheet HTML 86Page - Renesas Technology Corp 4513 Datasheet HTML 87Page - Renesas Technology Corp 4513 Datasheet HTML 88Page - Renesas Technology Corp 4513 Datasheet HTML 89Page - Renesas Technology Corp 4513 Datasheet HTML 90Page - Renesas Technology Corp 4513 Datasheet HTML 91Page - Renesas Technology Corp 4513 Datasheet HTML 92Page - Renesas Technology Corp 4513 Datasheet HTML 93Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 210 page
background image
Parameter
Instruction code
Function
Mnemonic
Type of
instructions
D9 D8 D7 D6 D5 D4 D3 D2 D1 D0
Hexadecimal
notation
1-76
HARDWARE
4513/4514 Group User’s Manual
MACHINE INSTRUCTIONS
MACHINE INSTRUCTIONS (continued)
SNZI0
SNZI1
TAV1
TV1A
TAV2
TV2A
TAI1
TI1A
TAI2
TI2A
TAW1
TW1A
TAW2
TW2A
TAW3
TW3A
TAW4
TW4A
TAW6
TW6A
I12 = 1 : (INT0) = “H” ?
I12 = 0 : (INT0) = “L” ?
I22 = 1 : (INT1) = “H” ?
I22 = 0 : (INT1) = “L” ?
(A)
← (V1)
(V1)
← (A)
(A)
← (V2)
(V2)
← (A)
(A)
← (I1)
(I1)
← (A)
(A)
← (I2)
(I2)
← (A)
(A)
← (W1)
(W1)
← (A)
(A)
← (W2)
(W2)
← (A)
(A)
← (W3)
(W3)
← (A)
(A)
← (W4)
(W4)
← (A)
(A)
← (W6)
(W6)
← (A)
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
03 A
03 B
05 4
03 F
05 5
03 E
25 3
21 7
25 4
21 8
24 B
20 E
24 C
20 F
24 D
21 0
24 E
21 1
25 0
21 3
00
00111
010
00
00111
011
00
01010
100
00
00111
111
00
01010
101
00
00111
110
10
01010
011
10
00010
111
10
01010
100
10
00011
000
10
01001
011
10
00001
110
10
01001
100
10
00001
111
10
01001
101
10
00010
000
10
01001
110
10
00010
001
10
01010
000
10
00010
011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com