Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4513 Datasheet(PDF) 60 Page - Renesas Technology Corp

Part # 4513
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4513 Datasheet(HTML) 60 Page - Renesas Technology Corp

Back Button 4513 Datasheet HTML 56Page - Renesas Technology Corp 4513 Datasheet HTML 57Page - Renesas Technology Corp 4513 Datasheet HTML 58Page - Renesas Technology Corp 4513 Datasheet HTML 59Page - Renesas Technology Corp 4513 Datasheet HTML 60Page - Renesas Technology Corp 4513 Datasheet HTML 61Page - Renesas Technology Corp 4513 Datasheet HTML 62Page - Renesas Technology Corp 4513 Datasheet HTML 63Page - Renesas Technology Corp 4513 Datasheet HTML 64Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 210 page
background image
4513/4514 Group User’s Manual
HARDWARE
1-47
FUNCTION BLOCK OPERATIONS
VOLTAGE COMPARATOR
The 4513/4514 Group has 2 voltage comparator circuits that
perform comparison of voltage between 2 pins. Table 17 shows
the characteristics of this voltage comparison.
Table 17 Voltage comparator characteristics
Characteristics
2 circuits (CMP0, CMP1)
CMP0-, CMP0+
(also used as AIN0, AIN1)
CMP1-, CMP1+
(also used as AIN2, AIN3)
3.0 V to 5.5 V
0.3 VDD to 0.7 VDD
Typ. 20 mV, Max.100 mV
Max. 20
µs
Parameter
Voltage comparator function
Input pin
Supply voltage
Input voltage
Comparison check error
Response time
Fig. 31 Voltage comparator structure
CMP0–/AIN0
CMP0+/AIN1
–
CMP0
+
CMP1–/AIN2
CMP1+/AIN3
–
CMP1
+
Q33 Q32 Q31 Q30
Register A (4)
TQ3A
TAQ3
Voltage comparator control register Q3 (4)
Note: Bits 0 and 1 of register Q3 can be only read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com