Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4513 Datasheet(PDF) 80 Page - Renesas Technology Corp

Part # 4513
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4513 Datasheet(HTML) 80 Page - Renesas Technology Corp

Back Button 4513 Datasheet HTML 76Page - Renesas Technology Corp 4513 Datasheet HTML 77Page - Renesas Technology Corp 4513 Datasheet HTML 78Page - Renesas Technology Corp 4513 Datasheet HTML 79Page - Renesas Technology Corp 4513 Datasheet HTML 80Page - Renesas Technology Corp 4513 Datasheet HTML 81Page - Renesas Technology Corp 4513 Datasheet HTML 82Page - Renesas Technology Corp 4513 Datasheet HTML 83Page - Renesas Technology Corp 4513 Datasheet HTML 84Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 210 page
background image
4513/4514 Group User’s Manual
HARDWARE
1-67
INSTRUCTION CODE TABLE (continued) (for 4513 Group)
–
–
TJ1A
–
TQ1A
TQ2A
TQ3A
–
–
–
–
–
–
–
TW1A
TW2A
TW3A
TW4A
–
TW6A
–
–
TMRA
TI1A
TI2A
–
–
TK0A
–
–
–
–
T1AB
T2AB
T3AB
T4AB
–
–
–
–
TSIAB
TADAB
–
TR3AB
–
–
–
TR1AB
–
–
TAJ1
–
TAQ1
TAQ2
TAQ3
–
–
TALA
–
TAW1
TAW2
TAW3
TAW4
–
TAW6
–
TAMR
TAI1
TAI2
–
TAK0
TAPU0
–
–
–
–
–
–
–
–
IAP0
IAP1
IAP2
IAP3
–
–
–
–
–
–
–
–
–
–
–
–
TAB1
TAB2
TAB3
TAB4
–
–
–
–
TABSI
TABAD
–
–
–
–
–
–
SNZT1
SNZT2
SNZT3
SNZT4
–
–
–
SNZAD
SNZSI
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
SST
ADST
WRST
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
TAM
0
TAM
1
TAM
2
TAM
3
TAM
4
TAM
5
TAM
6
TAM
7
TAM
8
TAM
9
TAM
10
TAM
11
TAM
12
TAM
13
TAM
14
TAM
15
XAM
0
XAM
1
XAM
2
XAM
3
XAM
4
XAM
5
XAM
6
XAM
7
XAM
8
XAM
9
XAM
10
XAM
11
XAM
12
XAM
13
XAM
14
XAM
15
XAMI
0
XAMI
1
XAMI
2
XAMI
3
XAMI
4
XAMI
5
XAMI
6
XAMI
7
XAMI
8
XAMI
9
XAMI
10
XAMI
11
XAMI
12
XAMI
13
XAMI
14
XAMI
15
XAMD
0
XAMD
1
XAMD
2
XAMD
3
XAMD
4
XAMD
5
XAMD
6
XAMD
7
XAMD
8
XAMD
9
XAMD
10
XAMD
11
XAMD
12
XAMD
13
XAMD
14
XAMD
15
LXY
LXY
LXY
LXY
LXY
LXY
LXY
LXY
LXY
LXY
LXY
LXY
LXY
LXY
LXY
LXY
TMA
0
TMA
1
TMA
2
TMA
3
TMA
4
TMA
5
TMA
6
TMA
7
TMA
8
TMA
9
TMA
10
TMA
11
TMA
12
TMA
13
TMA
14
TMA
15
BL
BML
BLA
BMLA
SEA
SZD
The second word
10
paaa
aaaa
10
paaa
aaaa
10
pp00
pppp
10
pp00
pppp
00
0111
nnnn
00
0010
1011
OP0A
OP1A
–
OP3A
–
–
–
–
–
–
–
–
–
TPU0A
–
–
D3–D0
Hex.
notation
0000
0001
0010
0011
0100
0101
0110
0111
1000
1001
1010
1011
1100
1101
1110
1111
0
1
2
3
4
5
6
7
8
9
A
B
C
D
E
F
D9–D4
20
100001
21
100010
22
100011
23
100100
24
100101
25
100110
26
100111
27
101000
28
101001
29
101010
2A
101011
2B
101100
2C
101101
2D
101110
2E
101111
2F
110000
111111
30–3F
100000
The above table shows the relationship between machine language codes and machine language instructions. D3–D0 show the low-
order 4 bits of the machine language code, and D9–D4 show the high-order 6 bits of the machine language code. The hexadecimal
representation of the code is also provided. There are one-word instructions and two-word instructions, but only the first word of
each instruction is shown. Do not use code marked “–.”
The codes for the second word of a two-word instruction are described below.
INSTRUCTION CODE TABLE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com