Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4513 Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # 4513
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4513 Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button 4513 Datasheet HTML 20Page - Renesas Technology Corp 4513 Datasheet HTML 21Page - Renesas Technology Corp 4513 Datasheet HTML 22Page - Renesas Technology Corp 4513 Datasheet HTML 23Page - Renesas Technology Corp 4513 Datasheet HTML 24Page - Renesas Technology Corp 4513 Datasheet HTML 25Page - Renesas Technology Corp 4513 Datasheet HTML 26Page - Renesas Technology Corp 4513 Datasheet HTML 27Page - Renesas Technology Corp 4513 Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 210 page
background image
4513/4514 Group User’s Manual
HARDWARE
1-11
Notes 1: The 4513 Group does not have P32 and P33.
2: The 4513 Group does not have these ports.
DEFINITION OF CLOCK AND CYCLE
q System clock
The system clock is the basic clock for controlling this product.
The system clock is selected by the bit 3 of the clock control reg-
ister MR.
PORT FUNCTION
Port
Port D
Port P0
Port P1
Port P2
Port P3
(Note 1)
Port P4
(Note 2)
Port P5
(Note 2)
I/O
unit
1
4
4
3
4
4
4
Control
instructions
SD, RD
SZD
CLD
OP0A
IAP0
OP1A
IAP1
IAP2
OP3A
IAP3
OP4A
IAP4
OP5A
IAP5
Control
registers
W6
PU0, K0
PU0, K0
J1
I1, I2
Q2
FR0
Output structure
N-channel open-drain
N-channel open-drain
N-channel open-drain
N-channel open-drain
N-channel open-drain
CMOS
Input
Output
I/O
(8)
I/O
(4)
I/O
(4)
Input
(3)
I/O
(4)
I/O
(4)
I/O
(4)
Remark
Built-in programmable pull-up
functions
Key-on wakeup functions
(programmable)
Built-in programmable pull-up
functions
Key-on wakeup functions
(programmable)
Built-in key-on wakeup
function
(P30/INT0, P31/INT1)
Pin
D0–D5
D6/CNTR0
D7/CNTR1
P00–P03
P10–P13
P20/SCK
P21/SOUT
P22/SIN
P30/INT0
P31/INT1
P32, P33
P40/AIN4
–P43/AIN7
P50–P53
Register MR
MR3
0
1
System clock
f(XIN)
f(XIN)/2
Note: f(XIN)/2 is selected after system is released from reset.
q Instruction clock
The instruction clock is a signal derived by dividing the system
clock by 3. The one instruction clock cycle generates the one
machine cycle.
q Machine cycle
The machine cycle is the standard cycle required to execute the
instruction.
Table Selection of system clock
PIN DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com