Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4513 Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # 4513
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4513 Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button 4513 Datasheet HTML 18Page - Renesas Technology Corp 4513 Datasheet HTML 19Page - Renesas Technology Corp 4513 Datasheet HTML 20Page - Renesas Technology Corp 4513 Datasheet HTML 21Page - Renesas Technology Corp 4513 Datasheet HTML 22Page - Renesas Technology Corp 4513 Datasheet HTML 23Page - Renesas Technology Corp 4513 Datasheet HTML 24Page - Renesas Technology Corp 4513 Datasheet HTML 25Page - Renesas Technology Corp 4513 Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 210 page
background image
4513/4514 Group User’s Manual
HARDWARE
1-9
PIN DESCRIPTION
Name
Power supply
Ground
Voltage drop detec-
tion circuit enable
CNVSS
Reset input
System clock input
System clock output
I/O port D
(Input is examined
by skip decision.)
I/O port P0
I/O port P1
Input port P2
I/O port P3
I/O port P4
I/O port P5
Analog input
Timer input/output
Timer input/output
Interrupt input
Serial data input
Serial data output
Serial I/O clock
input/output
Voltage comparator
input
Voltage comparator
input
Pin
VDD
VSS
VDCE
CNVSS
RESET
XIN
XOUT
D0–D7
P00–P03
P10–P13
P20–P22
P30–P33
P40–P43
P50–P53
AIN0–AIN7
CNTR0
CNTR1
INT0, INT1
SIN
SOUT
SCK
CMP0-
CMP0+
CMP1-
CMP1+
Input/Output
—
—
Input
—
I/O
Input
Output
I/O
I/O
I/O
Input
I/O
I/O
I/O
Input
I/O
I/O
Input
Input
Output
I/O
Input
Input
Function
Connected to a plus power supply.
Connected to a 0 V power supply.
VDCE pin is used to control the operation/stop of the voltage drop detection circuit.
When “H” level is input to this pin, the circuit is operating. When “L” level is inpu to
this pin, the circuit is stopped.
Connect CNVSS to VSS and apply “L” (0V) to CNVSS certainly.
An N-channel open-drain I/O pin for a system reset. When the watchdog timer
causes the system to be reset or system reset is performed by the voltage drop de-
tection circuit, the RESET pin outputs “L” level.
I/O pins of the system clock generating circuit. XIN and XOUT can be connected to
ceramic resonator. A feedback resistor is built-in between them.
Each pin of port D has an independent 1-bit wide I/O function. Each pin has an out-
put latch. For input use, set the latch of the specified bit to “1.” The output structure
is N-channel open-drain.
Ports D6 and D7 are also used as CNTR0 and CNTR1, respectively.
Each of ports P0 and P1 serves as a 4-bit I/O port, and it can be used as inputs
when the output latch is set to “1.” The output structure is N-channel open-drain.
Every pin of the ports has a key-on wakeup function and a pull-up function. Both
functions can be switched by software.
3-bit input port. Ports P20, P21 and P22 are also used as SCK, SOUT and SIN, re-
spectively.
4-bit I/O port (2-bit I/O port for the 4513 Group). For input use, set the latch of the
specified bit to “1.” The output structure is N-channel open-drain. Ports P30 and
P31 are also used as INT0 and INT1, respectively.
The 4513 Group does not have ports P32, P33.
4-bit I/O port. For input use, set the latch of the specified bit to “1.” The output
structure is N-channel open-drain. Ports P40–P43 are also used as analog input
pins AIN4–AIN7, respectively.
The 4513 Group does not have port P4.
4-bit I/O port. Each pin has a direction register and an independent 1-bit wide I/O
function. For input use, set the direction register to “0.” For output use, set the di-
rection regiser to “1.” The output structure is CMOS.
The 4513 Group does not have port P5.
Analog input pins for A-D converter. AIN0–AIN3 are also used as voltage compara-
tor input pins and AIN4–AIN7 are also used as port P4.
The 4513 Group does not have AIN4–AIN7.
CNTR0 pin has the function to input the clock for the timer 2 event counter, and to
output the timer 1 underflow signal divided by 2.
CNTR0 pin is also used as port D6.
CNTR1 pin has the function to input the clock for the timer 4 event counter, and to
output the timer 3 underflow signal divided by 2.
CNTR1 pin is also used as port D7.
INT0, INT1 pins accept external interrupts. They also accept the input signal to re-
turn the system from the RAM back-up state.
INT0, INT1 pins are also used as ports P30 and P31, respectively.
SIN pin is used to input serial data signals by software.
SIN pin is also used as port P22.
SOUT pin is used to output serial data signals by software.
SOUT pin is also used as port P21.
SCK pin is used to input and output synchronous clock signals for serial data trans-
fer by software.
SCK pin is also used as port P20.
CMP0-, CMP0+ pins are used as the voltage comparator input pin when the volt-
age comparator function is selected by software.
CMP0-, CMP0+ pins are also used as AIN0 and AIN1.
CMP1-, CMP1+ pins are used as the voltage comparator input pin when the volt-
age comparator function is selected by software.
CMP1-, CMP1+ pins are also used as AIN2 and AIN3.
PIN DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com