Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4513 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # 4513
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4513 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button 4513 Datasheet HTML 17Page - Renesas Technology Corp 4513 Datasheet HTML 18Page - Renesas Technology Corp 4513 Datasheet HTML 19Page - Renesas Technology Corp 4513 Datasheet HTML 20Page - Renesas Technology Corp 4513 Datasheet HTML 21Page - Renesas Technology Corp 4513 Datasheet HTML 22Page - Renesas Technology Corp 4513 Datasheet HTML 23Page - Renesas Technology Corp 4513 Datasheet HTML 24Page - Renesas Technology Corp 4513 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 210 page
background image
1-8
HARDWARE
4513/4514 Group User’s Manual
PERFORMANCE OVERVIEW
Function
123
128
0.75
µs (at 4.0 MHz oscillation frequency, in high-speed mode)
2048 words ! 10 bits
4096 words ! 10 bits
6144 words ! 10 bits
8192 words ! 10 bits
6144 words ! 10 bits
8192 words ! 10 bits
128 words ! 4 bits
256 words ! 4 bits
384 words ! 4 bits
384 words ! 4 bits
384 words ! 4 bits
384 words ! 4 bits
Eight independent I/O ports;
ports D6 and D7 are also used as CNTR0 and CNTR1, respectively.
4-bit I/O port; each pin is equipped with a pull-up function and a key-on wakeup function. Both
functions can be switched by software.
4-bit I/O port; each pin is equipped with a pull-up function and a key-on wakeup function. Both
functions can be switched by software.
3-bit input port; ports P20, P21 and P22 are also used as SCK, SOUT and SIN, respectively.
4-bit I/O port (2-bit I/O port for the 4513 Group); ports P30 and P31 are also used as INT0 and
INT1, respectively. The 4513 Group does not have ports P32, P33.
4-bit I/O port; The 4513 Group does not have this port.
4-bit I/O port with a direction register; The 4513 Group does not have this port.
1-bit I/O; CNTR0 pin is also used as port D6.
1-bit I/O; CNTR1 pin is also used as port D7.
1-bit input; INT0 pin is also used as port P30 and equipped with a key-on wakeup function.
1-bit input; INT1 pin is also used as port P31 and equipped with a key-on wakeup function.
8-bit programmable timer with a reload register.
8-bit programmable timer with a reload register is also used as an event counter.
8-bit programmable timer with a reload register.
8-bit programmable timer with a reload register is also used as an event counter.
10-bit wide, This is equipped with an 8-bit comparator function.
2 circuits (CMP0, CMP1)
8-bit ! 1
8 (two for external, four for timer, one for A-D, and one for serial I/O)
1 level
8 levels
CMOS silicon gate
32-pin plastic molded SDIP (32P4B)/LQFP(32P6B-A)
42-pin plastic molded SSOP (42P2R-A)
–20 °C to 85 °C
2.0 V to 5.5 V for Mask ROM version, 2.5 V to 5.5 V for One Time PROM version (Refer to the
electrical characteristics because the supply voltage depends on the oscillation frequency.)
1.8 mA (at VDD = 5.0 V, 4.0 MHz oscillation frequency, in middle- speed mode, output transis-
tors in the cut-off state)
3.0 mA (at VDD = 5.0 V, 4.0 MHz oscillation frequency, in high-speed mode, output transistors
in the cut-off state)
0.1
µA (at room temperature, VDD = 5 V, output transistors in the cut-off state)
Parameter
Number of
basic instructions
Minimum instruction execution time
Memory sizes
Input/Output
ports
Timers
A-D converter
Voltage comparator
Serial I/O
Interrupt
Subroutine nesting
Device structure
Package
Operating temperature range
Supply voltage
Power
dissipation
(typical value)
ROM
RAM
D0–D7
P00–P03
P10–P13
P20–P22
P30–P33
P40–P43
P50–P53
CNTR0
CNTR1
INT0
INT1
Timer 1
Timer 2
Timer 3
Timer 4
Sources
Nesting
4513 Group
4514 Group
Active mode
RAM back-up mode
4513 Group
4514 Group
M34513M2
M34513M4/E4
M34513M6
M34513M8/E8
M34514M6
M34514M8/E8
M34513M2
M34513M4/E4
M34513M6
M34513M8/E8
M34514M6
M34514M8/E8
I/O (Input is
examined by
skip decision)
I/O
I/O
Input
I/O
I/O
I/O
I/O
I/O
Input
Input
PERFORMANCE OVERVIEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com