Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4513 Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # 4513
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4513 Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button 4513 Datasheet HTML 12Page - Renesas Technology Corp 4513 Datasheet HTML 13Page - Renesas Technology Corp 4513 Datasheet HTML 14Page - Renesas Technology Corp 4513 Datasheet HTML 15Page - Renesas Technology Corp 4513 Datasheet HTML 16Page - Renesas Technology Corp 4513 Datasheet HTML 17Page - Renesas Technology Corp 4513 Datasheet HTML 18Page - Renesas Technology Corp 4513 Datasheet HTML 19Page - Renesas Technology Corp 4513 Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 210 page
background image
4513/4514 Group User’s Manual
HARDWARE
1-3
DESCRIPTION
The 4513/4514 Group is a 4-bit single-chip microcomputer de-
signed with CMOS technology. Its CPU is that of the 4500 series
using a simple, high-speed instruction set. The computer is
equipped with serial I/O, four 8-bit timers (each timer has a reload
register), and 10-bit A-D conver ter.
The various microcomputers in the 4513/4514 Group include varia-
tions of the built-in memory type and package as shown in the
table below.
FEATURES
qMinimum instruction execution time ................................ 0.75
µs
(at 4.0 MHz oscillation frequency, in high-speed mode, VDD = 4.0
V to 5.5 V)
qSupply voltage
• Middle-speed mode
...... 2.5 V to 5.5 V (at 4.2 MHz oscillation frequency, for Mask
ROM version and One Time PROM version)
...... 2.0 V to 5.5 V (at 3.0 MHz oscillation frequency, for Mask
ROM version)
(Operation voltage of A-D conversion: 2.7 V to 5.5 V)
• High-speed mode
...... 4.0 V to 5.5 V (at 4.2 MHz oscillation frequency, for Mask
ROM version and One Time PROM version)
...... 2.5 V to 5.5 V (at 2.0 MHz oscillation frequency, for Mask
ROM version and One Time PROM version)
...... 2.0 V to 5.5 V (at 1.5 MHz oscillation frequency, for Mask
ROM version)
(Operation voltage of A-D conversion: 2.7 V to 5.5 V)
qTimers
Timer 1 ...................................... 8-bit timer with a reload register
Timer 2 ...................................... 8-bit timer with a reload register
Timer 3 ...................................... 8-bit timer with a reload register
Timer 4 ...................................... 8-bit timer with a reload register
qInterrupt ........................................................................ 8 sources
qSerial I/O ....................................................................... 8 bit-wide
qA-D converter .................. 10-bit successive comparison method
qVoltage comparator ........................................................ 2 circuits
qWatchdog timer ................................................................. 16 bits
qVoltage drop detection circuit
qClock generating circuit (ceramic resonator)
qLED drive directly enabled (port D)
APPLICATION
Electrical household appliance, consumer electronic products, of-
fice automation equipment, etc.
Note: shipped in blank
Product
M34513M2-XXXSP/FP
M34513M4-XXXSP/FP
M34513E4SP/FP (Note)
M34513M6-XXXFP
M34513M8-XXXFP
M34513E8FP (Note)
M34514M6-XXXFP
M34514M8-XXXFP
M34514E8FP (Note)
ROM type
Mask ROM
Mask ROM
One Time PROM
Mask ROM
Mask ROM
One Time PROM
Mask ROM
Mask ROM
One Time PROM
Package
SP: 32P4B FP: 32P6B-A
SP: 32P4B FP: 32P6B-A
SP: 32P4B FP: 32P6B-A
32P6B-A
32P6B-A
32P6B-A
42P2R-A
42P2R-A
42P2R-A
RAM size
(! 4 bits)
128 words
256 words
256 words
384 words
384 words
384 words
384 words
384 words
384 words
ROM (PROM) size
(! 10 bits)
2048 words
4096 words
4096 words
6144 words
8192 words
8192 words
6144 words
8192 words
8192 words
DESCRIPTION/FEATURES/APPLICATION/PIN CONFIGURATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com