Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4513 Datasheet(PDF) 56 Page - Renesas Technology Corp

Part # 4513
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4513 Datasheet(HTML) 56 Page - Renesas Technology Corp

Back Button 4513 Datasheet HTML 52Page - Renesas Technology Corp 4513 Datasheet HTML 53Page - Renesas Technology Corp 4513 Datasheet HTML 54Page - Renesas Technology Corp 4513 Datasheet HTML 55Page - Renesas Technology Corp 4513 Datasheet HTML 56Page - Renesas Technology Corp 4513 Datasheet HTML 57Page - Renesas Technology Corp 4513 Datasheet HTML 58Page - Renesas Technology Corp 4513 Datasheet HTML 59Page - Renesas Technology Corp 4513 Datasheet HTML 60Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 210 page
background image
4513/4514 Group User’s Manual
HARDWARE
1-43
FUNCTION BLOCK OPERATIONS
Table 16 Change of successive comparison register AD during A-D conversion
Comparison voltage (Vref) value
Change of successive comparison register AD
At starting conversion
±
±
±
±
±
(7) Operation description
A-D conversion is started with the A-D conversion start instruction
(ADST). The internal operation during A-D conversion is as follows:
Œ When A-D conversion starts, the register AD is cleared to
“00016.”
 Next, the topmost bit of the register AD is set to “1,” and the
comparison voltage Vref is compared with the analog input volt-
age VIN.
Ž When the comparison result is Vref < VIN, the topmost bit of the
register AD remains set to “1.” When the comparison result is
Vref > VIN, it is cleared to “0.”
The 4513/4514 Group repeats this operation to the lowermost bit of
the register AD to convert an analog value to a digital value. A-D
conversion stops after 62 machine cycles (46.5
µs when f(XIN) =
4.0 MHz in high-speed mode) from the start, and the conversion re-
sult is stored in the register AD. An A-D interrupt activated condition
is satisfied and the ADF flag is set to “1” as soon as A-D conversion
completes (Figure 27).
U1: 1st comparison result
U3: 3rd comparison result
U9: 9th comparison result
U2: 2nd comparison result
U8: 8th comparison result
UA: 10th comparison result
1st comparison
2nd comparison
3rd comparison
After 10th comparison
completes
1
U1
U1
U1
-----
-----
-----
-----
0
1
U2
U2
0
0
1
U3
0
0
0
U8
0
0
0
U9
0
0
0
UA
A-D conversion result
VDD
2
VDD
2
VDD
2
VDD
2
VDD
4
VDD
4
VDD
8
VDD
1024
-------------
-------------
-------------
-------------
-------------
-------------
-------------
-------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com