Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4513 Datasheet(PDF) 97 Page - Renesas Technology Corp

Part # 4513
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4513 Datasheet(HTML) 97 Page - Renesas Technology Corp

Back Button 4513 Datasheet HTML 93Page - Renesas Technology Corp 4513 Datasheet HTML 94Page - Renesas Technology Corp 4513 Datasheet HTML 95Page - Renesas Technology Corp 4513 Datasheet HTML 96Page - Renesas Technology Corp 4513 Datasheet HTML 97Page - Renesas Technology Corp 4513 Datasheet HTML 98Page - Renesas Technology Corp 4513 Datasheet HTML 99Page - Renesas Technology Corp 4513 Datasheet HTML 100Page - Renesas Technology Corp 4513 Datasheet HTML 101Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 210 page
background image
1-84
HARDWARE
4513/4514 Group User’s Manual
V13
V12
V11
V10
V23
V22
V21
V20
Serial I/O interrupt enable bit
A-D interrupt enable bit
Timer 4 interrupt enable bit
Timer 3 interrupt enable bit
Interrupt control register V1
Timer 2 interrupt enable bit
Timer 1 interrupt enable bit
External 1 interrupt enable bit
External 0 interrupt enable bit
Interrupt disabled (SNZT2 instruction is valid)
Interrupt enabled (SNZT2 instruction is invalid)
Interrupt disabled (SNZT1 instruction is valid)
Interrupt enabled (SNZT1 instruction is invalid)
Interrupt disabled (SNZ1 instruction is valid)
Interrupt enabled (SNZ1 instruction is invalid)
Interrupt disabled (SNZ0 instruction is valid)
Interrupt enabled (SNZ0 instruction is invalid)
Interrupt disabled (SNZSI instruction is valid)
Interrupt enabled (SNZSI instruction is invalid)
Interrupt disabled (SNZAD instruction is valid)
Interrupt enabled (SNZAD instruction is invalid)
Interrupt disabled (SNZT4 instruction is valid)
Interrupt enabled (SNZT4 instruction is invalid)
Interrupt disabled (SNZT3 instruction is valid)
Interrupt enabled (SNZT3 instruction is invalid)
0
1
0
1
0
1
0
1
R/W
at RAM back-up : 00002
at reset : 00002
R/W
at RAM back-up : 00002
at reset : 00002
Interrupt control register V2
R/W
at RAM back-up : 00002
at reset : 00002
0
1
0
1
0
1
0
1
CONTROL REGISTERS
I13
I12
I11
I10
I23
I22
I21
I20
Not used
Interrupt valid waveform for INT0 pin/
return level selection bit (Note 2)
INT0 pin edge detection circuit control bit
INT0 pin
timer 1 control enable bit
This bit has no function, but read/write is enabled.
Falling waveform (“L” level of INT1 pin is recognized with the SNZI1
instruction)/“L” level
Rising waveform (“H” level of INT1 pin is recognized with the SNZI1
instruction)/“H” level
One-sided edge detected
Both edges detected
Disabled
Enabled
Not used
Interrupt valid waveform for INT1 pin/
return level selection bit (Note 3)
INT1 pin edge detection circuit control bit
INT1 pin
timer 3 control enable bit
Notes 1: “R” represents read enabled, and “W” represents write enabled.
2: When the contents of I12 is changed, the external interrupt request flag EXF0 may be set. Accordingly, clear EXF0 flag with the SNZ0 instruction.
3: When the contents of I22 is changed, the external interrupt request flag EXF1 may be set. Accordingly, clear EXF1 flag with the SNZ1 instruction.
Interrupt control register I1
R/W
at RAM back-up : state retained
at reset : 00002
This bit has no function, but read/write is enabled.
Falling waveform (“L” level of INT0 pin is recognized with the SNZI0
instruction)/“L” level
Rising waveform (“H” level of INT0 pin is recognized with the SNZI0
instruction)/“H” level
One-sided edge detected
Both edges detected
Disabled
Enabled
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
Interrupt control register I2
R/W
at RAM back-up : state retained
at reset : 00002
CONTROL REGISTERS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com