Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4513 Datasheet(PDF) 72 Page - Renesas Technology Corp

Part # 4513
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4513 Datasheet(HTML) 72 Page - Renesas Technology Corp

Back Button 4513 Datasheet HTML 68Page - Renesas Technology Corp 4513 Datasheet HTML 69Page - Renesas Technology Corp 4513 Datasheet HTML 70Page - Renesas Technology Corp 4513 Datasheet HTML 71Page - Renesas Technology Corp 4513 Datasheet HTML 72Page - Renesas Technology Corp 4513 Datasheet HTML 73Page - Renesas Technology Corp 4513 Datasheet HTML 74Page - Renesas Technology Corp 4513 Datasheet HTML 75Page - Renesas Technology Corp 4513 Datasheet HTML 76Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 210 page
background image
4513/4514 Group User’s Manual
HARDWARE
1-59
LIST OF PRECAUTIONS
ŒNoise and latch-up prevention
Connect a capacitor on the following condition to prevent noise
and latch-up;
• connect a bypass capacitor (approx. 0.1
µF) between pins VDD
and VSS at the shortest distance,
• equalize its wiring in width and length, and
• use relatively thick wire.
In the One Time PROM version, CNVSS pin is also used as VPP
pin. Accordingly, when using this pin, connect this pin to VSS
through a resistor about 5 k
Ω in series at the shortest distance.
Prescaler
Stop the prescaler operation to change its frequency dividing ra-
tio.
ŽTimer count source
Stop timer 1, 2, 3, or 4 counting to change its count source.
Reading the count value
Stop timer 1, 2, 3, or 4 counting and then execute the TAB1,
TAB2, TAB3, or TAB4 instruction to read its data.
Writing to reload registers R1 and R3
When writing data to reload registers R1 or R3 while timer 1 or
timer 3 is operating, avoid a timing when timer 1 or timer 3
underflows.
‘P30/INT0 pin
When the interrupt valid waveform of the P30/INT0 pin is
changed with the bit 2 of register I1 in software, be careful about
the following notes.
• Clear the bit 0 of register V1 to “0” before the interrupt valid wave-
form of P30/INT0 pin is changed with the bit 2 of register I1 (refer
to Figure 44Œ).
• Depending on the input state of the P30/INT0 pin, the external 0
interrupt request flag (EXF0) may be set when the interrupt valid
waveform is changed. Accordingly, clear bit 2 of register I1, and
execute the SNZ0 instruction to clear the EXF0 flag after execut-
ing at least one instruction (refer to Figure 44)
Fig. 45 External 1 interrupt program example
“One Time PROM version
The operating power voltage of the One Time PROM version is
2.5 V to 5.5 V.
”Multifunction
The input of D6, D7, P20–P22, I/O of P30 and P31, input of CMP0-,
CMP0+, CMP1-, CMP1+, and I/O of P40–P43 can be used even
when CNTR0, CNTR1, SCK, SOUT, SIN, INT0, INT1, AIN0–AIN3
and AIN4–AIN7 are selected.
’P31/INT1 pin
When the interrupt valid waveform of P31/INT1 pin is changed
with the bit 2 of register I2 in software, be careful about the fol-
lowing notes.
• Clear the bit 1 of register V1 to “0” before the interrupt valid wave-
form of P31/INT1 pin is changed with the bit 2 of register I2 (refer
to Figure 45Ž).
• Depending on the input state of the P31/INT1 pin, the external 1
interrupt request flag (EXF1) may be set when the interrupt valid
waveform is changed. Accordingly, clear bit 2 of register I2 and
execute the SNZ1 instruction to clear the EXF1 flag after execut-
ing at least one instruction (refer to Figure 45).
LA
8
; (!!0!2)
TV1A
; The SNZ1 instruction is valid ........... Ž
LA
8
TI2A
; Change of the interrupt valid waveform
NOP
........................................................... 
SNZ1
; The SNZ1 instruction is executed
NOP
! : this bit is not related to the setting of INT1.
...
...
LA
4
; (!!!02)
TV1A
; The SNZ0 instruction is valid ........... Œ
LA
4
;
TI1A
; Interrupt valid waveform is changed
NOP
........................................................... 
SNZ0
; The SNZ0 instruction is executed
NOP
! : this bit is not related to the setting of INT0 pin.
...
...
Fig. 44 External 0 interrupt program example
LIST OF PRECAUTIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com