Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4513 Datasheet(PDF) 70 Page - Renesas Technology Corp

Part # 4513
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4513 Datasheet(HTML) 70 Page - Renesas Technology Corp

Back Button 4513 Datasheet HTML 66Page - Renesas Technology Corp 4513 Datasheet HTML 67Page - Renesas Technology Corp 4513 Datasheet HTML 68Page - Renesas Technology Corp 4513 Datasheet HTML 69Page - Renesas Technology Corp 4513 Datasheet HTML 70Page - Renesas Technology Corp 4513 Datasheet HTML 71Page - Renesas Technology Corp 4513 Datasheet HTML 72Page - Renesas Technology Corp 4513 Datasheet HTML 73Page - Renesas Technology Corp 4513 Datasheet HTML 74Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 210 page
background image
4513/4514 Group User’s Manual
HARDWARE
1-57
CLOCK CONTROL
The clock control circuit consists of the following circuits.
• System clock generating circuit
• Control circuit to stop the clock oscillation
Fig. 41 Clock control circuit structure
Table
23 Clock control register MR
Note : “R” represents read enabled, and “W” represents write enabled.
• Control circuit to switch the middle-speed mode and high-speed
mode
• Control circuit to return from the RAM back-up state
MR3
MR2
MR1
MR0
Clock control register MR
f(XIN) (high-speed mode)
f(XIN)/2 (middle-speed mode)
This bit has no function, but read/write is enabled.
This bit has no function, but read/write is enabled.
This bit has no function, but read/write is enabled.
System clock selection bit
Not used
Not used
Not used
at reset : 10002
at RAM back-up : 10002
0
1
0
1
0
1
0
1
R/W
Instruction clock
MR3
1
0
RESET
Falling detected
Ports P00, P01
Ports P02, P03
Ports P10, P11
Ports P12, P13
Multi-
plexer
K00,K01,K02,K03
Counter
Wait time (Note)
control circuit
Software
start signal
R
S
Q
POF instruction
XIN
XOUT
I12
0
“L” level
1
P30/INT0
Key-on wake up control register
I22
0
1
P31/INT1
Oscillation
circuit
Division circuit
(divided by 2)
Internal clock
generation circuit
(divided by 3)
“H” level
“L” level
“H” level
Note: The wait time control circuit is used to generate the time required to stabilize the f(XIN) oscillation.
System clock
FUNCTION BLOCK OPERATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com