Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4513 Datasheet(PDF) 74 Page - Renesas Technology Corp

Part # 4513
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4513 Datasheet(HTML) 74 Page - Renesas Technology Corp

Back Button 4513 Datasheet HTML 70Page - Renesas Technology Corp 4513 Datasheet HTML 71Page - Renesas Technology Corp 4513 Datasheet HTML 72Page - Renesas Technology Corp 4513 Datasheet HTML 73Page - Renesas Technology Corp 4513 Datasheet HTML 74Page - Renesas Technology Corp 4513 Datasheet HTML 75Page - Renesas Technology Corp 4513 Datasheet HTML 76Page - Renesas Technology Corp 4513 Datasheet HTML 77Page - Renesas Technology Corp 4513 Datasheet HTML 78Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 210 page
background image
4513/4514 Group User’s Manual
HARDWARE
1-61
16
Voltage comparator function
When the voltage comparator function is valid with the voltage
comparator control register Q3, it is operating even in the RAM
back-up mode. Accordingly, be careful about such state because
it causes the increase of the operation current in the RAM back-
up mode.
In order to reduce the operation current in the RAM back-up
mode, invalidate (bits 2 and 3 of register Q3 = “0”) the voltage
comparator function by software before the POF instruction is ex-
ecuted.
Also, while the voltage comparator function is valid, current is al-
ways consumed by voltage comparator. On the system required
for the low-power dissipation, invalidate the voltage comparator
when it is unused by software.
Register Q3
Bits 0 and 1 of register Q3 can be only read. Note that they can-
not be written.
Reading the comparison result of voltage comparator
Read the voltage comparator comparison result from register Q3
after the voltage comparator response time (max. 20
µs) is
passed from the voltage comparator function become valid.
17
18
LIST OF PRECAUTIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com