Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4513 Datasheet(PDF) 83 Page - Renesas Technology Corp

Part # 4513
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4513 Datasheet(HTML) 83 Page - Renesas Technology Corp

Back Button 4513 Datasheet HTML 79Page - Renesas Technology Corp 4513 Datasheet HTML 80Page - Renesas Technology Corp 4513 Datasheet HTML 81Page - Renesas Technology Corp 4513 Datasheet HTML 82Page - Renesas Technology Corp 4513 Datasheet HTML 83Page - Renesas Technology Corp 4513 Datasheet HTML 84Page - Renesas Technology Corp 4513 Datasheet HTML 85Page - Renesas Technology Corp 4513 Datasheet HTML 86Page - Renesas Technology Corp 4513 Datasheet HTML 87Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 210 page
background image
Parameter
Instruction code
Function
Mnemonic
Type of
instructions
D9 D8 D7 D6 D5 D4 D3 D2 D1 D0
Hexadecimal
notation
1-70
HARDWARE
4513/4514 Group User’s Manual
MACHINE INSTRUCTIONS
(A)
← (B)
(B)
← (A)
(A)
← (Y)
(Y)
← (A)
(E7–E4)
← (B)
(E3–E0)
← (A)
(B)
← (E7–E4)
(A)
← (E3–E0)
(DR2–DR0)
← (A2–A0)
(A2–A0)
← (DR2–DR0)
(A3)
← 0
(A1, A0)
← (Z1, Z0)
(A3, A2)
← 0
(A)
← (X)
(A2–A0)
← (SP2–SP0)
(A3)
← 0
(X)
← x, x = 0 to 15
(Y)
← y, y = 0 to 15
(Z)
← z, z = 0 to 3
(Y)
← (Y) + 1
(Y)
← (Y) – 1
(A)
← (M(DP))
(X)
← (X)EXOR(j)
j = 0 to 15
(A)
← → (M(DP))
(X)
← (X)EXOR(j)
j = 0 to 15
(A)
← → (M(DP))
(X)
← (X)EXOR(j)
j = 0 to 15
(Y)
← (Y) – 1
(A)
← → (M(DP))
(X)
← (X)EXOR(j)
j = 0 to 15
(Y)
← (Y) + 1
(M(DP))
← (A)
(X)
← (X)EXOR(j)
j = 0 to 15
TAB
TBA
TAY
TYA
TEAB
TABE
TDA
TAD
TAZ
TAX
TASP
LXY x, y
LZ z
INY
DEY
TAM j
XAM j
XAMD j
XAMI j
TMA j
MACHINE INSTRUCTIONS
0000
01111
0
0000
00111
0
0000
01111
1
0000
00110
0
0000
01101
0
0000
10101
0
0000
10100
1
0001
01000
1
0001
01001
1
0001
01001
0
0001
01000
0
11x3
x2
x1
x0
y3
y2
y1
y0
0001
0010z1
z0
0000
01001
1
0000
01011
1
1011
00j
j
j
j
1011
01j
j
j
j
1011
11j
j
j
j
1011
10j
j
j
j
1010
11j
j
j
j
01 E
00 E
01 F
00 C
01 A
02 A
02 9
05 1
05 3
05 2
05 0
3x y
04 8
+z
01 3
01 7
2C j
2D j
2F j
2E j
2B j
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com