Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4513 Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # 4513
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4513 Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button 4513 Datasheet HTML 45Page - Renesas Technology Corp 4513 Datasheet HTML 46Page - Renesas Technology Corp 4513 Datasheet HTML 47Page - Renesas Technology Corp 4513 Datasheet HTML 48Page - Renesas Technology Corp 4513 Datasheet HTML 49Page - Renesas Technology Corp 4513 Datasheet HTML 50Page - Renesas Technology Corp 4513 Datasheet HTML 51Page - Renesas Technology Corp 4513 Datasheet HTML 52Page - Renesas Technology Corp 4513 Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 210 page
background image
1-36
HARDWARE
4513/4514 Group User’s Manual
FUNCTION BLOCK OPERATIONS
SERIAL I/O
The 4513/4514 Group has a built-in clock synchronous serial I/O
which can serially transmit or receive 8-bit data.
Serial I/O consists of;
• serial I/O register SI
• serial I/O mode register J1
• serial I/O transmission/reception completion flag (SIOF)
• serial I/O counter
Registers A and B are used to perform data transfer with internal
CPU, and the serial I/O pins are used for external data transfer.
The pin functions of the serial I/O pins can be set with the register
J1.
Table 11 Serial I/O pins
Pin
P20/SCK
P21/SOUT
P22/SIN
Pin function when selecting serial I/O
Clock I/O (SCK)
Serial data output (SOUT)
Serial data input (SIN)
Note: Input ports P20–P22 can be used regardless of register J1.
Fig. 22 Serial I/O structure
Table 12 Serial I/O mode register
J13
J12
J11
J10
Serial I/O mode register J1
This bit has no function, but read/write is enabled.
Instruction clock signal divided by 8
Instruction clock signal divided by 4
Input ports P20, P21, P22 selected
Serial I/O ports SCK, SOUT, SIN/input ports P20, P21, P22 selected
External clock
Internal clock (instruction clock divided by 4 or 8)
Not used
Serial I/O internal clock dividing ratio
selection bit
Serial I/O port selection bit
Serial I/O synchronous clock selection bit
at reset : 00002
at RAM back-up : state retained
Note: “R” represents read enabled, and “W” represents write enabled.
0
1
0
1
0
1
0
1
R/W
J12
SIOF
J12
J11
J10
J11
J10
MSB
1/4
1/8
1
0
P21/SOUT
P22/SIN
P20/SCK
TSIAB
TABSI
SOUT
SIN
SCK
J13
MR3
1
0
XIN
Division circuit
(divided by 2)
Internal clock
generation circuit
(divided by 3)
Instruction clock
Serial I/O mode register J1
Serial I/O interrupt
Serial I/O counter (3)
Synchronous
circuit
Register B (4)
Register A (4)
Serial I/O register SI (8)
LSB
Note: The output structure of SCK and SOUT pins is N-channel open-drain.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com