Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4513 Datasheet(PDF) 116 Page - Renesas Technology Corp

Part # 4513
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4513 Datasheet(HTML) 116 Page - Renesas Technology Corp

Back Button 4513 Datasheet HTML 112Page - Renesas Technology Corp 4513 Datasheet HTML 113Page - Renesas Technology Corp 4513 Datasheet HTML 114Page - Renesas Technology Corp 4513 Datasheet HTML 115Page - Renesas Technology Corp 4513 Datasheet HTML 116Page - Renesas Technology Corp 4513 Datasheet HTML 117Page - Renesas Technology Corp 4513 Datasheet HTML 118Page - Renesas Technology Corp 4513 Datasheet HTML 119Page - Renesas Technology Corp 4513 Datasheet HTML 120Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 210 page
background image
APPLICATION
2.2 Interrupts
2-13
4513/4514 Group User’s Manual
(7)
A-D interrupt
The interrupt request occurs by the end of the A-D conversion.
s A-D interrupt processing
q When the interrupt is used
The interrupt occurrence is enabled when the bit 2 of the interrupt control register V2 and the
interrupt enable flag INTE are set to “1.” When the A-D interrupt occurs, the interrupt processing
is executed from address C in page 1.
q When the interrupt is not used
The interrupt is disabled and the SNZAD instruction is valid when the bit 2 of register V2 is set
to “0.”
(8)
Serial I/O interrupt
The interrupt request occurs by the end of the serial I/O transmit/receive.
s Serial I/O interrupt processing
q When the interrupt is used
The interrupt occurrence is enabled when the bit 3 of the interrupt control register V2 and the
interrupt enable flag INTE are set to “1.” When the serial I/O interrupt occurs, the interrupt
processing is executed from address E in page 1.
q When the interrupt is not used
The interrupt is disabled and the SNZSI instruction is valid when the bit 3 of register V2 is set
to “0.”
2.2.2 Related registers
(1)
Interrupt enable flag (INTE)
The interrupt enable flag (INTE) controls whether the every interrupt enable/disable.
Interrupts are enabled when INTE flag is set to “1” with the EI instruction and disabled when INTE
flag is cleared to “0” with the DI instruction.
When any interrupt occurs, the INTE flag is automatically cleared to “0,” so that other interrupts are
disabled until the EI instruction is executed.
Note: The interrupt enabled with the EI instruction is performed after the EI instruction and one more
instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com