Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4513 Datasheet(PDF) 138 Page - Renesas Technology Corp

Part # 4513
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4513 Datasheet(HTML) 138 Page - Renesas Technology Corp

Back Button 4513 Datasheet HTML 134Page - Renesas Technology Corp 4513 Datasheet HTML 135Page - Renesas Technology Corp 4513 Datasheet HTML 136Page - Renesas Technology Corp 4513 Datasheet HTML 137Page - Renesas Technology Corp 4513 Datasheet HTML 138Page - Renesas Technology Corp 4513 Datasheet HTML 139Page - Renesas Technology Corp 4513 Datasheet HTML 140Page - Renesas Technology Corp 4513 Datasheet HTML 141Page - Renesas Technology Corp 4513 Datasheet HTML 142Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 210 page
background image
APPLICATION
2.3 Timers
2-35
4513/4514 Group User’s Manual
Fig. 2.3.6 CNTR0 output control setting example
b3
b0
Œ Disable Interrupts
Timer 3 and timer 4 interrupt are temporarily disabled.
Interrupt enable flag INTE
Interrupt control register V2
“0”
!!
All interrupts disabled (DI instruction)
Timer 3 and timer 4 interrupt occurrence disabled
(TV2A instruction)
0
0
b3
b0
10
 Stop Timer Operation
Timer is temporarily stopped.
Dividing ratio of prescaler is selected.
Timer 3 count source is selected.
Timer 4 count source is selected.
Timer control register W3
!
Timer 3 stop (TW3A instruction)
Prescaler selected for count source
Timer 4 stop (TW4A instruction)
Timer 3 underflow selected for count source
Instruction clock divided by 4 selected
(TW1A instruction)
b3
b0
01
0
Timer control register W4
!
!
Timer control register W1
b3
b0
00
0
!
Ž Set Timer Value, Select CNTR1 Output
CNTR1 output is selected.
Timer 3 and timer 4 count time are set.
Timer control register W6
Timer 3 reload register R3
Timer 3 reload register R4
“2916”
“FF16”
Timer count value 41 set (T3AB instruction)
Timer count value 255 set (T4AB instruction)
b3
b0
1
!
1
!
CNTR1 output selected (TW6A instruction)
 Start Timer Operation
Timer 3 and timer 4 temporarily stopped are restarted.
Timer 3 operation start (TW3A instruction)
Timer 4 operation start (TW4A instruction)
b3
b0
10
Timer control register W3
Timer control register W4
!
1
b3
b0
10
!
0
 Enable Interrupts
Interrupt enable flag INTE
“1”
All interrupts enabled (EI instruction)
“!”: it can be “0” or “1.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com