Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4513 Datasheet(PDF) 183 Page - Renesas Technology Corp

Part # 4513
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4513 Datasheet(HTML) 183 Page - Renesas Technology Corp

Back Button 4513 Datasheet HTML 179Page - Renesas Technology Corp 4513 Datasheet HTML 180Page - Renesas Technology Corp 4513 Datasheet HTML 181Page - Renesas Technology Corp 4513 Datasheet HTML 182Page - Renesas Technology Corp 4513 Datasheet HTML 183Page - Renesas Technology Corp 4513 Datasheet HTML 184Page - Renesas Technology Corp 4513 Datasheet HTML 185Page - Renesas Technology Corp 4513 Datasheet HTML 186Page - Renesas Technology Corp 4513 Datasheet HTML 187Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 210 page
background image
3-16
APPENDIX
3.2 Typical characteristics
4513/4514 Group User’s Manual
(2)
VDD = 5.12 V, f(XIN) = 4 MHz, high-speed mode
-7.5
-5
-2.5
0
2.5
5
7.5
0
16
32
48
64
80
96
112
128
144
160
176
192
208
224
240
256
STEP No.
1LSB WID TH
ERRO R
-7.5
-5
-2.5
0
2.5
5
7.5
256
272
288
304
320
336
352
368
384
400
416
432
448
464
480
496
512
STEP No.
-7.5
-5
-2.5
0
2.5
5
7.5
512
528
544
560
576
592
608
624
640
656
672
688
704
720
736
752
768
STEP No.
-7.5
-5
-2.5
0
2.5
5
7.5
768
784
800
816
832
848
864
880
896
912
928
944
960
976
992
1008
1024
STEP No.
Ta = 25 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com