Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4513 Datasheet(PDF) 199 Page - Renesas Technology Corp

Part # 4513
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4513 Datasheet(HTML) 199 Page - Renesas Technology Corp

Back Button 4513 Datasheet HTML 195Page - Renesas Technology Corp 4513 Datasheet HTML 196Page - Renesas Technology Corp 4513 Datasheet HTML 197Page - Renesas Technology Corp 4513 Datasheet HTML 198Page - Renesas Technology Corp 4513 Datasheet HTML 199Page - Renesas Technology Corp 4513 Datasheet HTML 200Page - Renesas Technology Corp 4513 Datasheet HTML 201Page - Renesas Technology Corp 4513 Datasheet HTML 202Page - Renesas Technology Corp 4513 Datasheet HTML 203Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 210 page
background image
3-32
APPENDIX
4513/4514 Group User’s Manual
3.5 Mask ROM order confirmation form
V 1. Confirmation
Specify the type of EPROMs submitted.
Three sets of EPROMs are required for each pattern (check in the approximate box).
If at least two of the three sets of EPROMs submitted contain the identical data, we will produce
masks based on this data. We shall assume the responsibility for errors only if the mask ROM data
on the products we produce differ from this data. Thus, the customer must be especially careful in
verifying the data contained in the EPROMs submitted.
Checksum code for entire EPROM area
(hexadecimal notation)
EPROM Type:
Company
name
Date
issued
Date:
V Customer
27C256
27C512
Low-order
5-bit data
123456789012345678901234
123456789012345678901234
123456789012345678901234
123456789012345678901234
123456789012345678901234
123456789012345678901234
123456789012345678901234
High-order
5-bit data
123456789012345678901234
123456789012345678901234
123456789012345678901234
123456789012345678901234
123456789012345678901234
123456789012345678901234
123456789012345678901234
000016
17FF16
400016
57FF16
7FFF16
6.00K
6.00K
Low-order
5-bit data
1234567890123456789012345
1234567890123456789012345
1234567890123456789012345
1234567890123456789012345
1234567890123456789012345
1234567890123456789012345
1234567890123456789012345
High-order
5-bit data
1234567890123456789012345
1234567890123456789012345
1234567890123456789012345
1234567890123456789012345
1234567890123456789012345
1234567890123456789012345
1234567890123456789012345
000016
17FF16
400016
57FF16
FFFF16
6.00K
6.00K
Set “FF16” in the shaded area.
Set “1112” in the area
of low-order and high-order 5-bit data.
V 2. Mark Specification
Mark specification must be submitted using the correct form for the type of package being ordered.
Fill out the approximate Mark Specification Form (32P6B-A for M34513M6-XXXFP) and attach to
the Mask ROM Order Confirmation Form.
V 3. Comments
TEL (
)
Mask ROM number
Date:
Section head
signature
Supervisor
signature
Responsible
officer
Supervisor
GZZ-SH53-01B <85A0>
4500 SERIES MASK ROM ORDER CONFIRMATION FORM
SINGLE-CHIP MICROCOMPUTER M34513M6-XXXFP
MITSUBISHI ELECTRIC
Please fill in all items marked V .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com