Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADATE305 Datasheet(PDF) 34 Page - Analog Devices

Part # ADATE305
Description  250 MHz Dual Integrated DCL with Level Setting DACs, Per Pin PMU, and Per Chip VHH
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE305 Datasheet(HTML) 34 Page - Analog Devices

Back Button ADATE305 Datasheet HTML 30Page - Analog Devices ADATE305 Datasheet HTML 31Page - Analog Devices ADATE305 Datasheet HTML 32Page - Analog Devices ADATE305 Datasheet HTML 33Page - Analog Devices ADATE305 Datasheet HTML 34Page - Analog Devices ADATE305 Datasheet HTML 35Page - Analog Devices ADATE305 Datasheet HTML 36Page - Analog Devices ADATE305 Datasheet HTML 37Page - Analog Devices ADATE305 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 56 page
background image
ADATE305
Rev. 0 | Page 34 of 56
SPI DETAILS
SCLK
CS
SDIN
tCH
tCL
tCSSA
tCSHA
tCSHD
tCSSD
tDH
tDS
tCSW
SDOUT
DO_2LAST
DO_12LAST
DO_13LAST
DO_14LAST
DO_15LAST
DO_1LAST
DO_0LAST
tDO
DATA[14]
DATA[15]
CH[1]
R/W
ADDR[1]
ADDR[0]
Figure 67. SPI Timing Diagram
Table 17. Serial Peripheral Interface Timing Requirements
Symbol
Parameter
Min
Max
Unit
tCH
SCLK minimum high
9.0
ns
tCL
SCLK minimum low
9.0
ns
tCSHA
CS assert hold
3.0
ns
tCSSA
CS assert setup
3.0
ns
tCSHD
CS deassert hold
3.0
ns
tCSSD
CS deassert setup
3.0
ns
tDH
SDIN hold
3.0
ns
tDS
SDIN setup
3.0
ns
tDO
SDOUT Data Out
15.0
ns
tCSW
CS minimum between assertions1
2
SCLK cycles
CS minimum directly after a read request
3
SCLK cycles
tCSTP
Minimum delay after CS is deasserted before SCLK can be
stopped (not shown in
); this allows any internal
operations to complete
Figure 67
16
SCLK cycles
1 An extra cycle is needed after a read request to prime the read data into the SPI shift register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com