Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADATE305 Datasheet(PDF) 12 Page - Analog Devices

Part # ADATE305
Description  250 MHz Dual Integrated DCL with Level Setting DACs, Per Pin PMU, and Per Chip VHH
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE305 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADATE305 Datasheet HTML 8Page - Analog Devices ADATE305 Datasheet HTML 9Page - Analog Devices ADATE305 Datasheet HTML 10Page - Analog Devices ADATE305 Datasheet HTML 11Page - Analog Devices ADATE305 Datasheet HTML 12Page - Analog Devices ADATE305 Datasheet HTML 13Page - Analog Devices ADATE305 Datasheet HTML 14Page - Analog Devices ADATE305 Datasheet HTML 15Page - Analog Devices ADATE305 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 56 page
background image
ADATE305
Rev. 0 | Page 12 of 56
Parameter
Min
Typ
Max
Unit
Test
Level
Conditions/Comments
AC SPECIFICATIONS
Load active on, unless otherwise noted
Dynamic Performance
Propagation Delay, Load Active
On to Load Active Off;
50%, 90%
7.3
ns
CB
Toggle RCV, DUTx terminated 50 Ω to GND, IOH = IOL = 12 mA,
VH = VL = 0 V, VCOM = +1.25 V for IOL and VCOM = −1.25 V for
IOH; measured from 50% point of RCVxP − RCVxN to 90% point
of final output, repeat for drive low and high
Propagation Delay, Load Active
Off to Load Active On;
50%, 90%
10.3
ns
CB
Toggle RCV, DUTx terminated 50 Ω to GND, IOH = IOL = 12 mA,
VH = VL = 0 V, VCOM = +1.25 V for IOL and VCOM = −1.25 V for
IOH; measured from 50% point of RCVxP − RCVxN to 90% point
of final output, repeat for drive low and high
Propagation Delay Matching
3.0
ns
CB
Toggle RCV, DUTx terminated 50 Ω to GND, IOH = IOL = 12 mA,
VH = VL = 0 V, VCOM = +1.25 V for IOL and VCOM = −1.25 V for
IOH; active on vs. active off, repeat for drive low and high
Load Spike
190
mV
CB
Toggle RCV, DUTx terminated 50 Ω to GND, IOH = IOL = 0 mA,
VH = VL = 0 V, VCOM = +1.25 V for IOL and VCOM = −1.25 V for
IOH; repeat for drive low and high
Settling Time to 90%
1.9
ns
CB
Toggle RCV, DUTx terminated 50 Ω to GND, IOH = IOL = 12 mA,
VH = VL = 0 V, VCOM = +1.25 V for IOL and VCOM = −1.25 V for
IOH; measured at 90% of final value
PMU
FV = force voltage, MV = measure voltage, FI = force current, MI = measure current, FN = force nothing.
Table 7.
Parameter
Min
Typ
Max
Unit
Test
Level
Conditions/Comments
FORCE VOL TAGE (FV)
Current Range A
±32
mA
D
Current Range B
±2
mA
D
Current Range C
±200
μA
D
Current Range D
±20
μA
D
Current Range E
±2
μA
D
Force Input Voltage Range at
Output for All Ranges
−1.5
+6.0
V
D
Force Voltage Uncalibrated
Accuracy for Range C
−100
±25
+100
mV
P
PMU enabled, FV, Range C, PE disabled, error measured at
calibration points of 0.0 V and 5.0 V
Force Voltage Uncalibrated
Accuracy for All Ranges
±25
mV
CT
PMU enabled, FV, PE disabled, error measured at calibration
points of 0.0 V and 5.0 V; repeat for each PMU current range
Force Voltage Offset Tempco
for All Ranges
±25
μV/°C
CT
Measured at calibration points for each PMU current range
Force Voltage Gain Tempco
for All Ranges
±10
ppm/°C
CT
Measured at calibration points for each PMU current range
Forced Voltage INL
−7
±2
+7
mV
P
PMU enabled, FV, Range C, PE disabled, after two-point gain/offset
calibration; measured over output range of −1.5 V to +6.0 V
Force Voltage Compliance vs.
Current Load
PMU enabled, FV, PE disabled, force −1.5 V, measure voltage
while PMU sinking zero and full-scale current; measure ∆V;
force 6.0 V, measure voltage while PMU sourcing zero and full-
scale current; measure ∆V; repeat for each PMU current range
Range A
±4
mV
CT
Range B to Range E
±1
mV
CT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com