Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADATE305 Datasheet(PDF) 11 Page - Analog Devices

Part # ADATE305
Description  250 MHz Dual Integrated DCL with Level Setting DACs, Per Pin PMU, and Per Chip VHH
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE305 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADATE305 Datasheet HTML 7Page - Analog Devices ADATE305 Datasheet HTML 8Page - Analog Devices ADATE305 Datasheet HTML 9Page - Analog Devices ADATE305 Datasheet HTML 10Page - Analog Devices ADATE305 Datasheet HTML 11Page - Analog Devices ADATE305 Datasheet HTML 12Page - Analog Devices ADATE305 Datasheet HTML 13Page - Analog Devices ADATE305 Datasheet HTML 14Page - Analog Devices ADATE305 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 56 page
background image
ADATE305
Rev. 0 | Page 11 of 56
ACTIVE LOAD
See Table 29 for load control information.
Table 6.
Parameter
Min
Typ
Max
Unit
Test
Level
Conditions/Comments
DC SPECIFICATIONS
Load active on, RCV active, unless otherwise noted
Input Characteristics
VCOM Voltage Range
−1.25
+5.75
V
D
VDUT Range
−1.5
+6.0
V
D
VCOM Accuracy, Uncalibrated
−200
±30
+200
mV
P
IOH = IOL = 6 mA, VCOM error measured at the calibration
points of 0.0 V and 5.0 V
VCOM Resolution
0.6
1
mV
PF
IOH = IOL = 6 mA, after two-point gain/offset calibration;
range/number of DAC bits as measured at the calibration
points of 0.0 V and 5.0 V
VCOM DNL
±1
mV
CT
IOH = IOL = 6 mA, after two-point gain/offset calibration
VCOM INL
−7
±2
+7
mV
P
IOH = IOL = 6 mA, after two-point gain/offset calibration;
measured over VCOM range of −1.25 V to +5.75 V
DUTGND Voltage Accuracy
−7
±1
+7
mV
P
Over ±0.1 V range; measured at end points of VCOM functional
range
Output Characteristics
IOL
Maximum Source Current
12
mA
D
Uncalibrated Offset
−600.0
±100
+600.0
μA
P
IOH = 0 mA, VCOM = 1.5 V, VDUTx = 0.0 V, IOL offset calculated
from the calibration points of 1 mA and 11 mA
Uncalibrated Gain
−12
±4
+12
%
P
IOH = 0 mA, VCOM = 1.5 V, VDUTx = 0.0 V, IOL gain calculated from
the calibration points of 1 mA and 11 mA
Resolution
1.5
2
μA
PF
IOH = 0 mA, VCOM = 1.5 V, VDUTx = 0.0 V, after two-point gain/
offset calibration; range/number of DAC bits as measured at the
calibration points of 1 mA and 11 mA
DNL
±3.0
μA
CT
IOH = 0 mA, VCOM = 1.5 V, VDUTx = 0.0 V, after two-point
gain/offset calibration
INL
−80
±20
+80
μA
P
IOH = 0 mA, VCOM = 1.5 V, VDUTx = 0.0 V, after two-point gain/
offset calibration; measured over IOL range of 0 mA to 12 mA
90% Commutation Voltage
0.25
V
P
IOH = IOL = 12 mA, VCOM = 2.0 V, measure IOL reference at
VDUTx = −1.0 V, measure IOL current at VDUTx = 1.75 V, ensure > 90%
of reference current
IOH
Maximum Sink Current
12
mA
D
Uncalibrated Offset
−600.0
±100
+600.0
μA
P
IOL = 0 mA, VCOM = 1.5 V, VDUTx = 3.0 V, IOH offset calculated
from the calibration points of 1 mA and 11 mA
Uncalibrated Gain
−12
±4
+12
%
P
IOL = 0 mA, VCOM = 1.5 V, VDUTx = 3.0 V, IOH gain calculated from
the calibration points of 1 mA and 11 mA
Resolution
1.5
2
μA
PF
IOL = 0 mA, VCOM = 1.5 V, VDUTx = 3.0 V, after two-point
gain/offset calibration; range/number of DAC bits as measured
at the calibration points of 1 mA and 11 mA
DNL
±3.0
μA
CT
IOL = 0 mA, VCOM = 1.5 V, VDUTx = 3.0 V, after two-point
gain/offset calibration
INL
−80
±20
+80
μA
P
IOL = 0 mA, VCOM = 1.5 V, VDUTx = 3.0 V, after two-point gain/
offset calibration; measured over IOH range of 0 mA to 12 mA
90% Commutation Voltage
0.25
V
P
IOH = IOL =12 mA, VCOM = 2.0 V, measure IOH reference at
VDUTx = 5.0 V, measure IOH current at VDUTx = 2.25 V, ensure >
90% of reference current
Output Current Tempco
±1.5
μA/°C
CT
Measured at calibration points



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com