Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADATE305 Datasheet(PDF) 20 Page - Analog Devices

Part # ADATE305
Description  250 MHz Dual Integrated DCL with Level Setting DACs, Per Pin PMU, and Per Chip VHH
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE305 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADATE305 Datasheet HTML 16Page - Analog Devices ADATE305 Datasheet HTML 17Page - Analog Devices ADATE305 Datasheet HTML 18Page - Analog Devices ADATE305 Datasheet HTML 19Page - Analog Devices ADATE305 Datasheet HTML 20Page - Analog Devices ADATE305 Datasheet HTML 21Page - Analog Devices ADATE305 Datasheet HTML 22Page - Analog Devices ADATE305 Datasheet HTML 23Page - Analog Devices ADATE305 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 56 page
background image
ADATE305
Rev. 0 | Page 20 of 56
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
PIN 1
ADATE305
TOP VIEW
(Not to Scale)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50
76
77
78
79
80
81
82
83
84
85
86
87
88
89
90
91
92
93
94
95
96
97
98
99
100
51
52
53
54
55
56
57
58
59
60
61
62
63
64
65
66
67
68
69
70
71
72
73
74
75
NC
NC
AGND
AGND
AGND
COMP_QH1N
COMP_QH1P
COMP_VTT1
COMP_QL1N
COMP_QL1P
AGND
RCV1P
RCV1N
VSS
FFCAP_1A
DATA1P
DATA1N
OVD_CH1
VDD
FFCAP_1B
SCAP1
VDD/VDD_TMPSNS
TEMPSENSE
NC
NC
NC
NC
AGND
AGND
AGND
COMP_QH0N
COMP_QH0P
COMP_VTT0
COMP_QL0N
COMP_QL0P
AGND
RCV0P
RCV0N
VSS
FFCAP_0A
DATA0P
DATA0N
OVD_CH0
VDD
FFCAP_0B
SCAP0
VPLUS
HVOUT
NC
NC
NOTES
1. NC = NO CONNECT.
2. EXPOSED PAD IS CONNEC TED TO VSS.
Figure 2. Pin Configuration
Table 16. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
NC
No Connect. No physical connection to die.
2
NC
No Connect. No physical connection to die.
3
TEMPSENSE
Temperature Sense Output.
4
VDD/VDD_TMPSNS
Temperature Sense Supply +10.0 V.
5
SCAP1
PMU Stability Capacitor Connection Channel 1 (330 pF).
6
FFCAP_1B
PMU Feed Forward Capacitor Connection B Channel 1 (220 pF).
7
VDD
Supply +10.0 V.
8
OVD_CH1
Overvoltage Detection Flag Output Channel 1.
9
DATA1N
Driver Data Input (Negative) Channel 1.
10
DATA1P
Driver Data Input (Positive) Channel 1.
11
FFCAP_1A
PMU Feedforward Capacitor Connection A Channel 1 (220 pF).
12
VSS
Supply −5.75 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com