Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADATE305 Datasheet(PDF) 30 Page - Analog Devices

Part # ADATE305
Description  250 MHz Dual Integrated DCL with Level Setting DACs, Per Pin PMU, and Per Chip VHH
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE305 Datasheet(HTML) 30 Page - Analog Devices

Back Button ADATE305 Datasheet HTML 26Page - Analog Devices ADATE305 Datasheet HTML 27Page - Analog Devices ADATE305 Datasheet HTML 28Page - Analog Devices ADATE305 Datasheet HTML 29Page - Analog Devices ADATE305 Datasheet HTML 30Page - Analog Devices ADATE305 Datasheet HTML 31Page - Analog Devices ADATE305 Datasheet HTML 32Page - Analog Devices ADATE305 Datasheet HTML 33Page - Analog Devices ADATE305 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 56 page
background image
ADATE305
Rev. 0 | Page 30 of 56
40
20
0
–20
–40
–60
–80
–100
–120
–140
–40
–30
–20
–10
0
10
20
30
40
PMU OUTPUT CURRENT (mA)
Figure 45. PMU Force Current Range A Linearity
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
PMU OUTPUT CURRENT (mA)
Figure 46. PMU Force Current Range B Linearity
0.08
0.06
0.04
0.02
–0.02
0
–0.04
–0.06
–0.20
–0.15
–0.10
–0.05
0
0.05
0.10
0.15
0.20
PMU OUTPUT CURRENT (mA)
Figure 47. PMU Force Current Range C Linearity
0.008
0.006
0.004
0.002
–0.002
0
–0.004
–0.006
–0.020 –0.015 –0.010 –0.005
0
0.005
0.010
0.015
0.020
PMU OUTPUT CURRENT (mA)
Figure 48. PMU Force Current Range D Linearity
0.0005
0.0004
0.0003
0.0002
0
0.0001
–0.0001
–0.0002
–0.0003
–0.0005
–0.0004
–0.0006
–0.0020 –0.0015 –0.0010 –0.0050
0
0.0050 0.0010 0.0015 0.0020
PMU OUTPUT CURRENT (mA)
Figure 49. PMU Force Current Range E Linearity
5
4
3
2
1
0
–1
–2
–3
–4
–40
–30
–20
–10
0
10
20
30
40
IDUTx (mA)
Figure 50. PMU Force Voltage Range A Output Voltage Error at 6.0 V vs.
Output Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com