Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADATE305 Datasheet(PDF) 26 Page - Analog Devices

Part # ADATE305
Description  250 MHz Dual Integrated DCL with Level Setting DACs, Per Pin PMU, and Per Chip VHH
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE305 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADATE305 Datasheet HTML 22Page - Analog Devices ADATE305 Datasheet HTML 23Page - Analog Devices ADATE305 Datasheet HTML 24Page - Analog Devices ADATE305 Datasheet HTML 25Page - Analog Devices ADATE305 Datasheet HTML 26Page - Analog Devices ADATE305 Datasheet HTML 27Page - Analog Devices ADATE305 Datasheet HTML 28Page - Analog Devices ADATE305 Datasheet HTML 29Page - Analog Devices ADATE305 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 56 page
background image
ADATE305
Rev. 0 | Page 26 of 56
1.5
1.0
0.5
0
–1.0
–0.5
–1.5
–2
–1
012
34
56
DRIVER OUTPUT VOLTAGE (V)
Figure 21. Driver VL Linearity Error
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
–2
–1
0
12345
6
DRIVER OUTPUT VOLTAGE (V)
Figure 22. Driver VT Linearity Error
48.5
48.0
47.5
47.0
46.5
46.0
–60
–40
–20
0
20
40
60
DRIVER OUTPUT CURRENT (mA)
Figure 23. Driver Output Resistance vs. Output Current
100
90
80
70
50
60
40
30
20
0
10
–10
–2
–1
012
34
56
VDUTx (V)
Figure 24. Driver Output Current Limit; Driver Programmed to −2.0 V;
VDUTx Swept from −2.0 V to +6.0 V
0
–10
–20
–30
–50
–40
–60
–70
–80
–100
–90
–2
–1
012
3
4
56
VDUTx (V)
Figure 25. Driver Output Current Limit; Driver Programmed to 6.0 V;
VDUTx Swept from −2.0 V to +6.0 V
–722
–723
–724
–725
–726
–727
–728
–729
–730
–1
0
1
2
3
4
5
6
VL PROGRAMMED VOLTAGE (V)
Figure 26. HVOUT VL Linearity Error



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com