Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADATE305 Datasheet(PDF) 8 Page - Analog Devices

Part # ADATE305
Description  250 MHz Dual Integrated DCL with Level Setting DACs, Per Pin PMU, and Per Chip VHH
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE305 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADATE305 Datasheet HTML 4Page - Analog Devices ADATE305 Datasheet HTML 5Page - Analog Devices ADATE305 Datasheet HTML 6Page - Analog Devices ADATE305 Datasheet HTML 7Page - Analog Devices ADATE305 Datasheet HTML 8Page - Analog Devices ADATE305 Datasheet HTML 9Page - Analog Devices ADATE305 Datasheet HTML 10Page - Analog Devices ADATE305 Datasheet HTML 11Page - Analog Devices ADATE305 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 56 page
background image
ADATE305
Rev. 0 | Page 8 of 56
Parameter
Min
Typ
Max
Unit
Test
Level
Conditions/Comments
Comparator Uncertainty Range
6.0
mV
CB
VDUTx = 0 V, sweep comparator
threshold to determine uncertainty
region
DC Hysteresis
0.5
mV
CB
VDUTx = 0 V
DC PSRR
±5
mV/V
CT
Measured at calibration points
Digital Output Characteristics
Internal Pull-Up Resistance
to Comparator, COMP_VTT
Pin
40
50
60
Ω
P
Pull 1 mA and 10 mA from Logic 1 leg
and measure ΔV to calculate resis-
tance; measured ΔV/9 mA; done for
both comparator logic states
VCOMP_VTT Range
3.3
5.0
V
D
Common-Mode Voltage
VCOMP_VTT − 1.88
V
CT
Measured with 100 Ω differential
termination
VCOMP_VTT − 2.075
VCOMP_VTT − 1.675
V
P
Measured with no external termination
Differential Voltage
250
mV
CT
Measured with 100 Ω differential
termination
400
500
600
mV
P
Measured with no external termination
Rise/Fall Time, 20% to 80%
450
ps
CB
Measured with each comparator leg
terminated 50 Ω to GND
AC SPECIFICATIONS
Input transition time = 800 ps, 10% to
90%; measured with each comparator
leg terminated 50 Ω to GND; unless
otherwise specified
Propagation Delay, Input to
Output
1.75
ns
CB
VDUTx = 0 V to 1.5 V swing, Driver
VTERM mode, VT = 0.0 V; high-side
measurement: VOH = 0.75 V, VOL =
−1.5 V; low-side measurement: VOH =
6.0 V, VOL = 0.75 V
Propagation Delay Tempco
5
ps/°C
CT
VDUTx = 0 V to 1.5 V swing, Driver
VTERM mode, VT = 0.0 V; high-side
measurement: VOH = 0.75 V, VOL =
−1.5 V; low-side measurement: VOH =
6.0 V, VOL = 0.75 V
Propagation Delay Matching
VDUTx = 0 V to 1.5 V swing, Driver
VTERM mode, VT = 0.0 V; high-side
measurement: VOH = 0.75 V, VOL =
−1.5 V; low-side measurement: VOH =
6.0 V, VOL = 0.75 V
High Transition to Low
Transition
200
ps
CB
High to Low Comparator
50
ps
CB
Propagation Delay Change
(with Respect To)
Slew Rate, 800 ps, 1 ns, 1.2 ns,
and 2.2 ns (10% to 90%)
50
ps
CB
VDUTx = 0 V to 1.5 V swing, Driver
VTERM mode, VT = 0.0 V; high-side
measurement: VOH = 0.75 V, VOL =
−1.5 V; low-side measurement: VOH =
6.0 V, VOL = 0.75 V
Overdrive, 250 mV and 1.5 V
75
ps
CB
For 250 mV: VDUTx = 0 V to 0.5 V swing;
for 1.5 V: VDUTx = 0 V to 1.75 V swing;
Driver VTERM mode, VT = 0.0 V; high-
side measurement: VOH = 0.25 V,
VOL = −1.5 V; low-side measurement:
VOH = 6.0 V, VOL = 0.25 V
Pulse Width, Sweep 1.6 ns to
10 ns
75
ps
CB
VDUTx = 0 V to 1.5 V swing @ 32.0 MHz,
Driver VTERM mode, VT = 0.0 V; high-
side measurement: VOH = 0.5 V, VOL =
−1.5 V; low-side measurement: VOH =
6.0 V, VOL = 0.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com