Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADATE305 Datasheet(PDF) 50 Page - Analog Devices

Part # ADATE305
Description  250 MHz Dual Integrated DCL with Level Setting DACs, Per Pin PMU, and Per Chip VHH
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE305 Datasheet(HTML) 50 Page - Analog Devices

Back Button ADATE305 Datasheet HTML 46Page - Analog Devices ADATE305 Datasheet HTML 47Page - Analog Devices ADATE305 Datasheet HTML 48Page - Analog Devices ADATE305 Datasheet HTML 49Page - Analog Devices ADATE305 Datasheet HTML 50Page - Analog Devices ADATE305 Datasheet HTML 51Page - Analog Devices ADATE305 Datasheet HTML 52Page - Analog Devices ADATE305 Datasheet HTML 53Page - Analog Devices ADATE305 Datasheet HTML 54Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 56 page
background image
ADATE305
Rev. 0 | Page 50 of 56
–
–
–
–
+
DU T0 –
DU T1
2:1
MUX
DIFFERENTIAL
COMPARATOR ENABLE
DATA[0] (ADDR[4:0] = 0x10)
+
VOL0
VOH0
DUT1
DUT0–
DUT1
DIFFERENTIAL
BUFFER
VOL0
VOH0
VOL
NWC
VOH
NWC
VOL
DMC
VOH
DMC
DUT0
COMP_QH0
COMP_QL0
2:1
MUX
NOTES
1. DIFFERENTIAL COMPARATOR ONLY ON CHANNEL 0.
+
+
Figure 81. Comparator Block Diagram
50Ω
50Ω
GND
VTT = 3.3V
OUT HIGH = 1.55V
OUT CM = 1.42V
OUT LOW = 1.30V
100Ω
RECEIVER
COMPARATOR
OUTPUT (AB)
Figure 82. Comparator Output Scheme



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com