Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADATE305 Datasheet(PDF) 21 Page - Analog Devices

Part # ADATE305
Description  250 MHz Dual Integrated DCL with Level Setting DACs, Per Pin PMU, and Per Chip VHH
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE305 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADATE305 Datasheet HTML 17Page - Analog Devices ADATE305 Datasheet HTML 18Page - Analog Devices ADATE305 Datasheet HTML 19Page - Analog Devices ADATE305 Datasheet HTML 20Page - Analog Devices ADATE305 Datasheet HTML 21Page - Analog Devices ADATE305 Datasheet HTML 22Page - Analog Devices ADATE305 Datasheet HTML 23Page - Analog Devices ADATE305 Datasheet HTML 24Page - Analog Devices ADATE305 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 56 page
background image
ADATE305
Rev. 0 | Page 21 of 56
Pin No.
Mnemonic
Description
13
RCV1N
Receive Data Input (Negative) Channel 1.
14
RCV1P
Receive Data Input (Positive) Channel 1.
15
AGND
Analog Ground.
16
COMP_QL1P
Low-Side Comparator Output (Positive) Channel 1.
17
COMP_QL1N
Low-Side Comparator Output (Negative) Channel 1.
18
COMP_VTT1
Comparator Supply Channel 1.
19
COMP_QH1P
High-Side Comparator Output (Positive) Channel 1.
20
COMP_QH1N
High-Side Comparator Output (Negative) Channel 1.
21
AGND
Analog Ground.
22
AGND
Analog Ground.
23
AGND
Analog Ground.
24
NC
No Connect. No physical connection to die.
25
NC
No Connect. No physical connection to die.
26
NC
No Connect. No physical connection to die.
27
NC
No Connect. No physical connection to die.
28
MEASOUT01/TEMP SENSE
Shared Muxed Output. Muxed output shared by PMU MEASOUT Channel 0, PMU
MEASOUT Channel 1, and the temperature sense and temperature sense GND
reference.
29
DUTGND
Device Under Test Ground Reference.
30
AGND
Analog Ground.
31
AGND
Analog Ground.
32
CS
Serial Peripheral Interface (SPI®) Chip Select.
33
DAC16_MON
16-Bit DAC Monitor Mux Output.
34
VSS
Supply 5.75 V.
35
VDD
Supply +10.0 V.
36
DGND
Digital Ground.
37
SDOUT
Serial Programmable Interface (SPI) Data Output.
38
SCLK
Serial Programmable Interface (SPI) Clock.
39
SDIN
Serial Programmable Interface (SPI) Data Input.
40
VDD
Supply +10.0 V.
41
VCC
Supply +3.3 V.
42
VSS
Supply 5.75 V.
43
RST
Serial Peripheral Interface (SPI) Reset.
44
AGND
Analog Ground.
45
AGND
Analog Ground.
46
AGND
Analog Ground.
47
VREF
+5 V DAC Reference Voltage.
48
VREF_GND
DAC Ground Reference.
49
NC
No Connect. No physical connection to die.
50
NC
No Connect. No physical connection to die.
51
NC
No Connect. No physical connection to die.
52
NC
No Connect. No physical connection to die.
53
AGND
Analog Ground.
54
AGND
Analog Ground.
55
AGND
Analog Ground.
56
Comp_QH0N
High-Side Comparator Output (Negative) Channel 0.
57
Comp_QH0P
High-Side Comparator Output (Positive) Channel 0.
58
Comp_VTT0
Comparator Supply Channel 0.
59
Comp_QL0N
Low-Side Comparator Output (Negative) Channel 0.
60
Comp_QL0P
Low-Side Comparator Output (Positive) Channel 0.
61
AGND
Analog Ground.
62
RCV0P
Receive Data Input (Positive) Channel 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com